Electronic Components Datasheet Search
  English  ▼

X  

PDTA124XM Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PDTA124XM
Description  PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTA124XM Datasheet(HTML) 5 Page - NXP Semiconductors

  PDTA124XM Datasheet HTML 1Page - NXP Semiconductors PDTA124XM Datasheet HTML 2Page - NXP Semiconductors PDTA124XM Datasheet HTML 3Page - NXP Semiconductors PDTA124XM Datasheet HTML 4Page - NXP Semiconductors PDTA124XM Datasheet HTML 5Page - NXP Semiconductors PDTA124XM Datasheet HTML 6Page - NXP Semiconductors PDTA124XM Datasheet HTML 7Page - NXP Semiconductors PDTA124XM Datasheet HTML 8Page - NXP Semiconductors PDTA124XM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PDTA124X_SER_8
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 08 — 3 September 2009
5 of 12
NXP Semiconductors
PDTA124X series
PNP resistor-equipped transistors; R1 = 22 k
Ω, R2 = 47 kΩ
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Reflow soldering is the only recommended soldering method.
[3]
Device mounted on an FR4 PCB with 60
µm copper strip line, standard footprint.
7.
Characteristics
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
SOT416
[1] -
-
833
K/W
SOT490
[1][2] -
-
500
K/W
SOT346
[1] -
-
500
K/W
SOT883
[2][3] -
-
500
K/W
SOT54
[1] -
-
250
K/W
SOT23
[1] -
-
500
K/W
SOT323
[1] -
-
625
K/W
Table 8.
Characteristics
Tamb =25 °C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base cut-off
current
VCB = −50 V; IE =0A
-
-
−100 nA
ICEO
collector-emitter cut-off
current
VCE = −30 V; IB =0A
-
-
−1
µA
VCE = −30 V; IB =0A;
Tj = 150 °C
--
−50
µA
IEBO
emitter-base cut-off
current
VEB = −5 V; IC =0A
-
-
−120 µA
hFE
DC current gain
VCE = −5 V; IC = −5mA
80
-
-
VCEsat
collector-emitter
saturation voltage
IC = −10 mA;
IB = −0.5 mA
--
−150 mV
VI(off)
off-state input voltage
VCE = −5 V; IC = −100 µA-
−0.8
−0.5
V
VI(on)
on-state input voltage
VCE = −0.3 V; IC = −2mA
−2
−1.1
-
V
R1
bias resistor 1 (input)
15.4
22
28.6
k
Ω
R2/R1
bias resistor ratio
1.7
2.1
2.6
Cc
collector capacitance
VCB = −10 V; IE =ie =0A;
f=1MHz
--3
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com