Electronic Components Datasheet Search
  English  ▼

X  

PMD4002K Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PMD4002K
Description  MOSFET driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMD4002K Datasheet(HTML) 4 Page - NXP Semiconductors

  PMD4002K Datasheet HTML 1Page - NXP Semiconductors PMD4002K Datasheet HTML 2Page - NXP Semiconductors PMD4002K Datasheet HTML 3Page - NXP Semiconductors PMD4002K Datasheet HTML 4Page - NXP Semiconductors PMD4002K Datasheet HTML 5Page - NXP Semiconductors PMD4002K Datasheet HTML 6Page - NXP Semiconductors PMD4002K Datasheet HTML 7Page - NXP Semiconductors PMD4002K Datasheet HTML 8Page - NXP Semiconductors PMD4002K Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
PMD4002K_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 3 November 2006
4 of 15
NXP Semiconductors
PMD4002K
MOSFET driver
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for collector 1 cm2.
[3]
Device mounted on a ceramic PCB, Al2O3, standard footprint.
(1) Ceramic PCB, Al2O3, standard footprint
(2) FR4 PCB, mounting pad for collector 1 cm2
(3) FR4 PCB, standard footprint
Fig 1.
Power derating curves
006aaa870
Tamb (°C)
−75
175
125
25
75
−25
200
300
100
400
500
Ptot
(mW)
0
(1)
(2)
(3)
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
NPN transistor
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] -
-
500
K/W
[2] -
-
375
K/W
[3] -
-
280
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com