Electronic Components Datasheet Search
  English  ▼

X  

PMD4002K Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PMD4002K
Description  MOSFET driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMD4002K Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PMD4002K Datasheet HTML 6Page - NXP Semiconductors PMD4002K Datasheet HTML 7Page - NXP Semiconductors PMD4002K Datasheet HTML 8Page - NXP Semiconductors PMD4002K Datasheet HTML 9Page - NXP Semiconductors PMD4002K Datasheet HTML 10Page - NXP Semiconductors PMD4002K Datasheet HTML 11Page - NXP Semiconductors PMD4002K Datasheet HTML 12Page - NXP Semiconductors PMD4002K Datasheet HTML 13Page - NXP Semiconductors PMD4002K Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
PMD4002K_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 3 November 2006
10 of 15
NXP Semiconductors
PMD4002K
MOSFET driver
9.
Package outline
10. Packing information
[1]
For further information and the availability of packing methods, see Section 15.
Fig 12. Package outline SOT346 (SC-59A/TO-236)
04-11-11
Dimensions in mm
3.0
2.5
1.7
1.3
0.26
0.10
12
3
1.9
0.50
0.35
1.3
1.0
3.1
2.7
0.6
0.2
Table 8.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
10000
PMD4002K
SOT346
4 mm pitch, 8 mm tape and reel
-115
-135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com