Electronic Components Datasheet Search
  English  ▼

X  

PMD4002K Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PMD4002K
Description  MOSFET driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMD4002K Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PMD4002K Datasheet HTML 2Page - NXP Semiconductors PMD4002K Datasheet HTML 3Page - NXP Semiconductors PMD4002K Datasheet HTML 4Page - NXP Semiconductors PMD4002K Datasheet HTML 5Page - NXP Semiconductors PMD4002K Datasheet HTML 6Page - NXP Semiconductors PMD4002K Datasheet HTML 7Page - NXP Semiconductors PMD4002K Datasheet HTML 8Page - NXP Semiconductors PMD4002K Datasheet HTML 9Page - NXP Semiconductors PMD4002K Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
PMD4002K_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 3 November 2006
6 of 15
NXP Semiconductors
PMD4002K
MOSFET driver
Ceramic PCB, Al2O3, standard footprint
Fig 4.
Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
006aaa873
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
102
10
103
Zth(j-a)
(K/W)
1
duty cycle =
0.75
0.33
0.05
0.02
0.01
0.5
0.2
0.1
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com