Electronic Components Datasheet Search
  English  ▼

X  

TAS5615 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5615
Description  160 W STEREO/300W MONO PurePath??HD Analog-Input Power Stage
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5615 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS5615 Datasheet HTML 2Page - Texas Instruments TAS5615 Datasheet HTML 3Page - Texas Instruments TAS5615 Datasheet HTML 4Page - Texas Instruments TAS5615 Datasheet HTML 5Page - Texas Instruments TAS5615 Datasheet HTML 6Page - Texas Instruments TAS5615 Datasheet HTML 7Page - Texas Instruments TAS5615 Datasheet HTML 8Page - Texas Instruments TAS5615 Datasheet HTML 9Page - Texas Instruments TAS5615 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
TAS5615
SLAS595B – JUNE 2009 – REVISED FEBRUARY 2010
www.ti.com
PIN FUNCTIONS (continued)
PIN
FUNCTION(1)
DESCRIPTION
NAME
PHD NO.
DKD NO.
Power supply input for half-bridge D requires close decoupling of 2.2-mF
PVDD_D
30, 31
25, 26
P
capacitor to GND_D.
READY
19
19
O
Normal operation; open drain; active-high
RESET
2
4
I
Device reset input, active-low; requires 47-k
Ω pullup resistor to VREG
SD
15
17
O
Shutdown signal, open-drain, active-low
Power supply for internal voltage regulator requires a 10-mF capacitor with a
VDD
64
2
P
0.1-mF capacitor to GND for decoupling.
Analog comparator reference node requires close decoupling of 1 nF to
VI_CM
6
8
O
GND.
VREG
9
11
P
Internal regulator supply filter pin requires 0.1-mF capacitor to GND.
6
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s) :TAS5615



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com