Electronic Components Datasheet Search
  English  ▼

X  

TAS5615 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5615
Description  160 W STEREO/300W MONO PurePath??HD Analog-Input Power Stage
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5615 Datasheet(HTML) 1 Page - Texas Instruments

  TAS5615 Datasheet HTML 1Page - Texas Instruments TAS5615 Datasheet HTML 2Page - Texas Instruments TAS5615 Datasheet HTML 3Page - Texas Instruments TAS5615 Datasheet HTML 4Page - Texas Instruments TAS5615 Datasheet HTML 5Page - Texas Instruments TAS5615 Datasheet HTML 6Page - Texas Instruments TAS5615 Datasheet HTML 7Page - Texas Instruments TAS5615 Datasheet HTML 8Page - Texas Instruments TAS5615 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
PurePathDigital
PurePath
TM HD
Class-G Power Supply
Ref. Design
110 VAC
240 VAC
®
25 V–50 V
ANALOG
AUDIO
INPUT
12 V
PurePath
TM HD
TAS5615
(2.1 Configuration)
♪
♪
♪
3
OPA1632
´
±15 V
TAS5615
www.ti.com
SLAS595B – JUNE 2009 – REVISED FEBRUARY 2010
160 W STEREO/300W MONO PurePath™ HD Analog-Input Power Stage
Check for Samples: TAS5615
1
FEATURES
DESCRIPTION
23
•
Active Enabled Integrated Feedback Provides:
(PurePath™ HD Technology)
The TAS5615 is a high-performance analog input
class-D
amplifier
with
integrated
closed-loop
–
Signal Bandwidth up to 80 kHz for
feedback technology (known as PurePath™ HD
High-Frequency Content From
technology). It has the ability to drive up to 160
High-Definition Sources
W(1) stereo into 8-
Ω speakers from a single 50-V
–
Ultralow 0.03% THD at 1 W into 8
Ω
supply.
–
0.03% THD Across All Frequencies for
PurePath
HD
technology
enables
traditional
Natural Sound at 1 W
AB-amplifier performance (<0.03% THD) levels while
–
80-dB PSRR (BTL, No Input Signal)
providing the power efficiency of traditional class-D
amplifiers.
–
>100-dB (A weighted) SNR
–
Click- and Pop-Free Start-Up
Ultralow 0.03% THD+N is flat across all frequencies,
ensuring that the amplifier does not add uneven
–
Minimal External Components Compared to
distortion characteristics, and helps maintain a natural
Discrete Solutions
sound.
•
Multiple Configurations Possible on the Same
The efficiency of this class-D amplifier is greater than
PCB:
90%.
Undervoltage
protection,
overtemperature,
–
Mono Parallel Bridge-Tied Load (PBTL)
clipping, short-circuit and overcurrent protection are
–
2.1 Single-Ended (SE) Stereo Pair and
all integrated, safeguarding the device and speakers
Bridge-Tied Load (BTL) Subwoofer
against fault conditions that could damage the
system.
–
Quad Single-Ended (SE) Outputs
•
Total Output Power at 10% THD+N
–
300 W in Mono PBTL Configuration
–
160 W per Channel in Stereo BTL
–
80 W per Channel in Quad Single-Ended
•
High Efficiency Power Stage (> 90%) With 120
m
Ω Output MOSFETs
•
Two Thermally Enhanced Package Options:
–
PHD (64-Pin QFP)
–
DKD (44-Pin PSOP3)
•
Self-Protection Design (Including
Undervoltage, Overtemperature, Clipping, and
Short-Circuit Protection) With Error Reporting
•
EMI Compliant When Used With
Recommended System Design
APPLICATIONS
•
Mini Combo System
(1)
Achievable output power levels are dependent on the thermal
configuration of the target application. A high performance
•
AV Receivers
thermal interface material between the package exposed
•
DVD Receivers
heatslug and the heat sink should be used to achieve high
•
Active Speakers
output power levels
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PurePath HD is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TAS5615

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5615 TI-TAS5615 Datasheet
1Mb / 30P
160 W STEREO/300W MONO PurePath??HD Analog-Input Power Stage
TAS5615DKD TI-TAS5615DKD Datasheet
1Mb / 30P
160 W STEREO/300W MONO PurePath??HD Analog-Input Power Stage
TAS5615DKDR TI-TAS5615DKDR Datasheet
1Mb / 30P
160 W STEREO/300W MONO PurePath??HD Analog-Input Power Stage
TAS5615PHD TI-TAS5615PHD Datasheet
1Mb / 30P
160 W STEREO/300W MONO PurePath??HD Analog-Input Power Stage
TAS5615PHDR TI-TAS5615PHDR Datasheet
1Mb / 30P
160 W STEREO/300W MONO PurePath??HD Analog-Input Power Stage
More results

Similar Description - TAS5615

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5615 TI-TAS5615 Datasheet
1Mb / 30P
160 W STEREO/300W MONO PurePath??HD Analog-Input Power Stage
TAS5630 TI-TAS5630 Datasheet
1Mb / 31P
300W STEREO / 600W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613 TI-TAS5613 Datasheet
1Mb / 27P
150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613A TI-TAS5613A Datasheet
1Mb / 26P
150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5614A TI-TAS5614A Datasheet
1Mb / 26P
150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5616 TI-TAS5616 Datasheet
1Mb / 33P
160-W STEREO / 300-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5614ADKDR TI1-TAS5614ADKDR Datasheet
1Mb / 33P
150W STEREO / 300W MONO PurePath HD DIGITAL-INPUT POWER STAGE
TAS5616 TI1-TAS5616_14 Datasheet
1Mb / 36P
160-W STEREO / 300-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5613A TI-TAS5613A_15 Datasheet
1Mb / 31P
150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613A TI1-TAS5613A_16 Datasheet
2Mb / 33P
150W STEREO / 300W MONO PurePath HD ANALOG-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com