Electronic Components Datasheet Search
  English  ▼

X  

TAS5615 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5615
Description  160 W STEREO/300W MONO PurePath??HD Analog-Input Power Stage
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5615 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TAS5615 Datasheet HTML 12Page - Texas Instruments TAS5615 Datasheet HTML 13Page - Texas Instruments TAS5615 Datasheet HTML 14Page - Texas Instruments TAS5615 Datasheet HTML 15Page - Texas Instruments TAS5615 Datasheet HTML 16Page - Texas Instruments TAS5615 Datasheet HTML 17Page - Texas Instruments TAS5615 Datasheet HTML 18Page - Texas Instruments TAS5615 Datasheet HTML 19Page - Texas Instruments TAS5615 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
TAS5615
SLAS595B – JUNE 2009 – REVISED FEBRUARY 2010
www.ti.com
APPLICATION INFORMATION
PCB MATERIAL RECOMMENDATION
FR-4 glass epoxy material with 2 oz. (70 mm) is recommended for use with the TAS5615. The use of this
material can provide for higher power output, improved thermal performance, and better EMI margin, due to
lower PCB trace inductance.
PVDD CAPACITOR RECOMMENDATION
The large capacitors used in conjunction with each full bridge are referred to as the PVDD capacitors. These
capacitors should be selected for proper voltage margin and adequate capacitance to support the power
requirements. In practice, with a well-designed system power supply, 1000 mF, 63 V will support more
applications. The PVDD capacitors should be low-ESR type because they are used in a circuit associated with
high-speed switching.
DECOUPLING CAPACITOR RECOMMENDATIONS
In order to design an amplifier that has robust performance, passes regulatory requirements, and exhibits good
audio performance, good-quality decoupling capacitors should be used. In practice, X7R should be used in this
application.
The voltage of the decoupling capacitors should be selected in accordance with good design practices.
Temperature, ripple current, and voltage overshoot must be considered. This fact is particularly true in the
selection of the 2.2 mF that is placed on the power supply to each half-bridge. It must withstand the voltage
overshoot of the PWM switching, the heat generated by the amplifier during high power output, and the ripple
current created by high power output. A minimum voltage rating of 63 V is required for use with a 50-V power
supply.
SYSTEM DESIGN RECOMMENDATIONS
The following schematics and PCB layouts illustrate best practices in the use of the TAS5615.
16
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s) :TAS5615



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com