Electronic Components Datasheet Search
  English  ▼

X  

DF33R-2DP-3.3C Datasheet(PDF) 6 Page - Hirose Electric

Part # DF33R-2DP-3.3C
Description  3.3 mm Contact Pitch, Connectors for Internal Power Supplies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF33R-2DP-3.3C Datasheet(HTML) 6 Page - Hirose Electric

  DF33R-2DP-3.3C Datasheet HTML 1Page - Hirose Electric DF33R-2DP-3.3C Datasheet HTML 2Page - Hirose Electric DF33R-2DP-3.3C Datasheet HTML 3Page - Hirose Electric DF33R-2DP-3.3C Datasheet HTML 4Page - Hirose Electric DF33R-2DP-3.3C Datasheet HTML 5Page - Hirose Electric DF33R-2DP-3.3C Datasheet HTML 6Page - Hirose Electric DF33R-2DP-3.3C Datasheet HTML 7Page - Hirose Electric DF33R-2DP-3.3C Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
B143
DF33 Series
●3.3 mm Contact Pitch, Connectors for Internal Power Supplies
■Single row - retainer
Cavity No.
A
B
P=3.3
Cavity No.
A
P=3.3
0.65
B
Note: Bag packaging (100 pieces/bag). Order by number of bags.
Note: Bag packaging (100 pieces/bag). Order by number of bags.
■Double row - retainer
No. of contacts
A
B
RoHS
2
3
4
5
6
6.2
9.5
12.8
16.1
19.4
3.3
6.6
9.9
13.2
16.5
YES
Pat number
DF33-2RS-3.3
DF33-3RS-3.3
DF33-4RS-3.3
DF33-5RS-3.3
DF33-6RS-3.3
CL No.
CL676-1026-8
CL676-1027-0
CL676-1028-3
CL676-1029-6
CL676-1030-5
No. of contacts
A
B
RoHS
4
6
8
10
12
3.3
6.6
9.9
13.2
16.5
8.0
11.3
14.6
17.9
21.2
YES
Pat number
DF33-4RDS-3.3
DF33-6RDS-3.3
DF33-8RDS-3.3
DF33-10RDS-3.3
DF33-12RDS-3.3
CL No.
CL676-1011-0
CL676-1012-3
CL676-1013-6
CL676-1014-9
CL676-1015-1
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com