Electronic Components Datasheet Search
  English  ▼

X  

DF33R-2DP-3.3C Datasheet(PDF) 7 Page - Hirose Electric

Part # DF33R-2DP-3.3C
Description  3.3 mm Contact Pitch, Connectors for Internal Power Supplies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF33R-2DP-3.3C Datasheet(HTML) 7 Page - Hirose Electric

  DF33R-2DP-3.3C Datasheet HTML 1Page - Hirose Electric DF33R-2DP-3.3C Datasheet HTML 2Page - Hirose Electric DF33R-2DP-3.3C Datasheet HTML 3Page - Hirose Electric DF33R-2DP-3.3C Datasheet HTML 4Page - Hirose Electric DF33R-2DP-3.3C Datasheet HTML 5Page - Hirose Electric DF33R-2DP-3.3C Datasheet HTML 6Page - Hirose Electric DF33R-2DP-3.3C Datasheet HTML 7Page - Hirose Electric DF33R-2DP-3.3C Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
B144
DF33 Series
●3.3 mm Contact Pitch, Connectors for Internal Power Supplies
■Crimp contact for socket
BContact Extraction
■ Contact extraction tool : DF33-C-PO
■ Intended crimp Contacts: DF33A-2022SC(F)
■ Work Method
: DF33-*S-3.3C, DF33A-2022SCF
Contact lance
Contact extraction tool
(1)
Cautions
Take particular care in removing the contact, thus not being subject to injury at convex portion
edge of the crimping contact.
Wiresize indicator
0.5
1.3
7.5
2.15
t=0.2
Part Number
CL No.
RoHS
Applicable cable
UL Style
Jacket diameter
Wire size
DF33A-2022SCF
DF33A-2022SC
CL676-1093-5
CL676-1094-8
1007
1.5 to 1.9mm
AWG#20
AWG#22
Packaging
10,000 pcs./reel
100 pcs./bag
YES
Stranded wire conductor
21/0.18mm
17/0.16mm
Note 1: Applicable wire with tin plated solid soft conductor.
Note 2: When using other than the recommended wire, contact your nearest Hirose representative.
Note 3: Strip length: 2.7 to 3.5mm
Part Number
CL No.
Applicable contacts
Type
Item
BTools
AP105-DF33-2022S
HT102/DF33-2022S
DF33-C-P0
CL901-4603-8
CL550-0290-0
CL902-4551-2
Automatic
Manual
----------
Applicator
Crimp tool
Contact extraction tool
DF33A-2022SCF
DF33A-2022SC
DF33A-2022SC(F)
Housing Cross-Sectional Diagram
1. Refer to the drawing No. 1. Insert
contact extraction tool in the
insulator against the lance. Deflect
the lance as shown.
(2)
2. Assure that the lance is deflected
to release the contact and pull- out
wire with the terminated contact.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com