Electronic Components Datasheet Search
  English  ▼

X  

DF33R-2DP-3.3C Datasheet(PDF) 4 Page - Hirose Electric

Part # DF33R-2DP-3.3C
Description  3.3 mm Contact Pitch, Connectors for Internal Power Supplies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF33R-2DP-3.3C Datasheet(HTML) 4 Page - Hirose Electric

  DF33R-2DP-3.3C Datasheet HTML 1Page - Hirose Electric DF33R-2DP-3.3C Datasheet HTML 2Page - Hirose Electric DF33R-2DP-3.3C Datasheet HTML 3Page - Hirose Electric DF33R-2DP-3.3C Datasheet HTML 4Page - Hirose Electric DF33R-2DP-3.3C Datasheet HTML 5Page - Hirose Electric DF33R-2DP-3.3C Datasheet HTML 6Page - Hirose Electric DF33R-2DP-3.3C Datasheet HTML 7Page - Hirose Electric DF33R-2DP-3.3C Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
B141
DF33 Series
●3.3 mm Contact Pitch, Connectors for Internal Power Supplies
A
B
P=3.3
Polarity mark
0.5
Ø1.25
1.55
Cavity No.
Lot No. indicator
B±0.05
P=3.3±0.05
1.55±0.05
DF33-*RDS-3.3
DF33(R)-*DS-3.3C
DF33(R)-*DP-3.3DSA(24)
Standard Type
■Double row - Straight header
R Type
BPCB mounting pattern
(Board thickens: 1.6±0.1)
BMating Dimensions
Order by number of tray Q'ty.
Note: Retainer is comment. Standard type and R type.
Standard Type (Guide Key: Inside, Color: Natural Beige)
R Type (Guide Key: Right Side, Color: Black)
No. of contacts A
B
Q'ty/tray RoHS
4
6
8
10
12
8.4
11.7
15.0
18.3
21.6
3.3
6.6
9.9
13.2
16.5
135
95
75
60
50
YES
Pat number
DF33-4DP-3.3DSA(24)
DF33-6DP-3.3DSA(24)
DF33-8DP-3.3DSA(24)
DF33-10DP-3.3DSA(24)
DF33-12DP-3.3DSA(24)
CL No.
CL676-1001-7-24
CL676-1002-0-24
CL676-1003-2-24
CL676-1004-5-24
CL676-1005-8-24
No. of contacts A
B
Q'ty/tray RoHS
4
6
8
10
12
8.4
11.7
15.0
18.3
21.6
3.3
6.6
9.9
13.2
16.5
135
95
75
60
50
YES
Pat number
DF33R-4DP-3.3DSA(24)
DF33R-6DP-3.3DSA(24)
DF33R-8DP-3.3DSA(24)
DF33R-10DP-3.3DSA(24)
DF33R-12DP-3.3DSA(24)
CL No.
CL676-1033-3-24
CL676-1034-6-24
CL676-1035-9-24
CL676-1036-1-24
CL676-1037-4-24
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com