Electronic Components Datasheet Search
  English  ▼

X  

DF33R-2DP-3.3C Datasheet(PDF) 8 Page - Hirose Electric

Part # DF33R-2DP-3.3C
Description  3.3 mm Contact Pitch, Connectors for Internal Power Supplies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF33R-2DP-3.3C Datasheet(HTML) 8 Page - Hirose Electric

  DF33R-2DP-3.3C Datasheet HTML 1Page - Hirose Electric DF33R-2DP-3.3C Datasheet HTML 2Page - Hirose Electric DF33R-2DP-3.3C Datasheet HTML 3Page - Hirose Electric DF33R-2DP-3.3C Datasheet HTML 4Page - Hirose Electric DF33R-2DP-3.3C Datasheet HTML 5Page - Hirose Electric DF33R-2DP-3.3C Datasheet HTML 6Page - Hirose Electric DF33R-2DP-3.3C Datasheet HTML 7Page - Hirose Electric DF33R-2DP-3.3C Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
B145
DF33 Series
●3.3 mm Contact Pitch, Connectors for Internal Power Supplies
BPrecautions
●Forcefully unmating the connectors will risk damaging them; therefore, when it is difficult to unmate a
connector, first gently press down on it, then release the lock to allow removal.
●When performing a potting process, pay attention to the surface tension of the resin and fill the resin
accordingly.
●Depending on the method by which wires have been routed within the equipment, tension may be exerted
on the wires and a load applied to the contacts. Use of a retainer is recommended because of this.
●When reusing crimp contacts, raise the lance.
●Depending on the manufacturing lot and the storage conditions that have been used, the shade of the
molded parts may change somewhat; however, this will not affect performance.
BRating
The rated current listed in the catalog indicates the nominal current per contact. When all contacts will be
carrying current, use a current limited to about one third of the listed rating.
Note that even when the rated current of the connector body is 3 A, when the nominal current of the
specified wire is 1 A, the connector shall be used to handle 1 A overall.
Also, do not mate or unmate by hot plug. (See Note 1)
Note 1: The hot wire means that the wires are mated or unmated while electricity is being supplied to them.
BApplication Environment
Please contact us when the application environment is such that the equipment will be used under
repetitively hot and cold temperatures.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com