Electronic Components Datasheet Search
  English  ▼

X  

HT48R01M Datasheet(PDF) 46 Page - Holtek Semiconductor Inc

Part # HT48R01M
Description  1.5V Battery 8-Bit OTP MCU
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R01M Datasheet(HTML) 46 Page - Holtek Semiconductor Inc

Back Button HT48R01M Datasheet HTML 42Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 43Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 44Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 45Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 46Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 47Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 48Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 49Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 50Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 69 page
background image
HT46R01M/HT46R02M/HT48R01M/HT48R02M
Rev. 1.10
46
March 8, 2010
Example: using an EOCB polling method to detect the end of conversion
clr
ADE
; disable ADC interrupt
mov
a,00000001B
mov
ACSR,a
; select fSYS/8 as A/D clock and ADONB=0
mov
a,00000100B
; setup ADCR register to configure Port as A/D inputs
mov
ADCR,a
; and select AN0 to be connected to the A/D converter
:
:
Start_conversion:
clr
START
set
START
; reset A/D
clr
START
; start A/D
Polling_EOC:
sz
EOCB
; poll the ADCR register EOCB bit to detect end
; of A/D conversion
jmp
polling_EOC
; continue polling
mov
a,ADRL
; read low byte conversion result value
mov
adrl_buffer,a
; save result to user defined register
mov
a,ADRH
; read high byte conversion result value
mov
adrh_buffer,a
; save result to user defined register
:
jmp
start_conversion
; start next A/D conversion
Note: To power off ADC module, it is necessary to set ADONB as
²1².
Example: using the interrupt method to detect the end of conversion
clr
ADE
; disable ADC interrupt
mov
a,00000001B
mov
ACSR,a
; select fSYS/8 as A/D clock and ADONB=0
mov
a,00000100B
; setup ADCR register to configure Port as A/D inputs
mov
ADCR,a
; and select AN0 to be connected to the A/D
:
:
Start_conversion:
clr
START
set
START
; reset A/D
clr
START
; start A/D
clr
ADF
; clear ADC interrupt request flag
set
ADE
; enable ADC interrupt
set
EMI
; enable global interrupt
:
:
:
; ADC interrupt service routine
ADC_:
mov
acc_stack,a
; save ACC to user defined memory
mov
a,STATUS
mov
status_stack,a
; save STATUS to user defined memory
:
:
mov
a,ADRL
; read low byte conversion result value
mov
adrl_buffer,a
; save result to user defined register
mov
a,ADRH
; read high byte conversion result value
mov
adrh_buffer,a
; save result to user defined register
:
:
EXIT_ISR:
mov
a,status_stack
mov
STATUS,a
; restore STATUS from user defined memory
mov
a,acc_stack
; restore ACC from user defined memory
clr
ADF
; clear ADC interrupt flag
reti
Note: To power off ADC module, it is necessary to set ADONB as
²1².



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com