Electronic Components Datasheet Search
  English  ▼

X  

HT48R01M Datasheet(PDF) 60 Page - Holtek Semiconductor Inc

Part # HT48R01M
Description  1.5V Battery 8-Bit OTP MCU
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R01M Datasheet(HTML) 60 Page - Holtek Semiconductor Inc

Back Button HT48R01M Datasheet HTML 56Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 57Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 58Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 59Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 60Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 61Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 62Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 63Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 64Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 69 page
background image
OR A,x
Logical OR immediate data to ACC
Description
Data in the Accumulator and the specified immediate data perform a bitwise logical OR op-
eration. The result is stored in the Accumulator.
Operation
ACC
¬ ACC ²OR² x
Affected flag(s)
Z
ORM A,[m]
Logical OR ACC to Data Memory
Description
Data in the specified Data Memory and the Accumulator perform a bitwise logical OR oper-
ation. The result is stored in the Data Memory.
Operation
[m]
¬ ACC ²OR² [m]
Affected flag(s)
Z
RET
Return from subroutine
Description
The Program Counter is restored from the stack. Program execution continues at the re-
stored address.
Operation
Program Counter
¬ Stack
Affected flag(s)
None
RET A,x
Return from subroutine and load immediate data to ACC
Description
The Program Counter is restored from the stack and the Accumulator loaded with the
specified immediate data. Program execution continues at the restored address.
Operation
Program Counter
¬ Stack
ACC
¬ x
Affected flag(s)
None
RETI
Return from interrupt
Description
The Program Counter is restored from the stack and the interrupts are re-enabled by set-
ting the EMI bit. EMI is the master interrupt global enable bit. If an interrupt was pending
when the RETI instruction is executed, the pending Interrupt routine will be processed be-
fore returning to the main program.
Operation
Program Counter
¬ Stack
EMI
¬ 1
Affected flag(s)
None
RL [m]
Rotate Data Memory left
Description
The contents of the specified Data Memory are rotated left by 1 bit with bit 7 rotated into bit
0.
Operation
[m].(i+1)
¬ [m].i; (i = 0~6)
[m].0
¬ [m].7
Affected flag(s)
None
RLA [m]
Rotate Data Memory left with result in ACC
Description
The contents of the specified Data Memory are rotated left by 1 bit with bit 7 rotated into bit
0. The rotated result is stored in the Accumulator and the contents of the Data Memory re-
main unchanged.
Operation
ACC.(i+1)
¬ [m].i; (i = 0~6)
ACC.0
¬ [m].7
Affected flag(s)
None
HT46R01M/HT46R02M/HT48R01M/HT48R02M
Rev. 1.10
60
March 8, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com