Electronic Components Datasheet Search
  English  ▼

X  

HT48R01M Datasheet(PDF) 64 Page - Holtek Semiconductor Inc

Part # HT48R01M
Description  1.5V Battery 8-Bit OTP MCU
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R01M Datasheet(HTML) 64 Page - Holtek Semiconductor Inc

Back Button HT48R01M Datasheet HTML 60Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 61Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 62Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 63Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 64Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 65Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 66Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 67Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 68Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 69 page
background image
SWAP [m]
Swap nibbles of Data Memory
Description
The low-order and high-order nibbles of the specified Data Memory are interchanged.
Operation
[m].3~[m].0
« [m].7 ~ [m].4
Affected flag(s)
None
SWAPA [m]
Swap nibbles of Data Memory with result in ACC
Description
The low-order and high-order nibbles of the specified Data Memory are interchanged. The
result is stored in the Accumulator. The contents of the Data Memory remain unchanged.
Operation
ACC.3 ~ ACC.0
¬ [m].7 ~ [m].4
ACC.7 ~ ACC.4
¬ [m].3 ~ [m].0
Affected flag(s)
None
SZ [m]
Skip if Data Memory is 0
Description
If the contents of the specified Data Memory is 0, the following instruction is skipped. As
this requires the insertion of a dummy instruction while the next instruction is fetched, it is a
two cycle instruction. If the result is not 0 the program proceeds with the following instruc-
tion.
Operation
Skip if [m] = 0
Affected flag(s)
None
SZA [m]
Skip if Data Memory is 0 with data movement to ACC
Description
The contents of the specified Data Memory are copied to the Accumulator. If the value is
zero, the following instruction is skipped. As this requires the insertion of a dummy instruc-
tion while the next instruction is fetched, it is a two cycle instruction. If the result is not 0 the
program proceeds with the following instruction.
Operation
ACC
¬ [m]
Skip if [m] = 0
Affected flag(s)
None
SZ [m].i
Skip if bit i of Data Memory is 0
Description
If bit i of the specified Data Memory is 0, the following instruction is skipped. As this re-
quires the insertion of a dummy instruction while the next instruction is fetched, it is a two
cycle instruction. If the result is not 0, the program proceeds with the following instruction.
Operation
Skip if [m].i = 0
Affected flag(s)
None
TABRDC [m]
Read table (current page) to TBLH and Data Memory
Description
The low byte of the program code (current page) addressed by the table pointer (TBLP) is
moved to the specified Data Memory and the high byte moved to TBLH.
Operation
[m]
¬ program code (low byte)
TBLH
¬ program code (high byte)
Affected flag(s)
None
TABRDL [m]
Read table (last page) to TBLH and Data Memory
Description
The low byte of the program code (last page) addressed by the table pointer (TBLP) is
moved to the specified Data Memory and the high byte moved to TBLH.
Operation
[m]
¬ program code (low byte)
TBLH
¬ program code (high byte)
Affected flag(s)
None
HT46R01M/HT46R02M/HT48R01M/HT48R02M
Rev. 1.10
64
March 8, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com