Electronic Components Datasheet Search
  English  ▼

X  

HT48R01M Datasheet(PDF) 42 Page - Holtek Semiconductor Inc

Part # HT48R01M
Description  1.5V Battery 8-Bit OTP MCU
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R01M Datasheet(HTML) 42 Page - Holtek Semiconductor Inc

Back Button HT48R01M Datasheet HTML 38Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 39Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 40Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 41Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 42Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 43Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 44Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 45Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 46Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 69 page
background image
HT46R01M/HT46R02M/HT48R01M/HT48R02M
Rev. 1.10
42
March 8, 2010
· ADRH, ADRL Register
ADRH
ADRL
Bit
7654321076543210
Name
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
¾¾¾¾
R/W
RRRRRRRRRRRR
¾¾¾¾
POR
xxxxxxxxxxxx
¾¾¾¾
²x² unknown
unimplemented, read as
²0²
D11~D0: ADC conversion data
· ADCR Register
Bit
76543210
Name
START
EOCB
PCR3
PCR2
PCR1
PCR0
ACS1
ACS0
R/W
R/W
R
R/W
R/W
R/W
R/W
R/W
R/W
POR
01000000
Bit 7
START: Start the A/D conversion
0
®1®0 : start
0
®1
: reset the A/D converter and set EOCB to
²1²
Bit 6
EOCB: End of A/D conversion flag
0: A/D conversion ended
1: A/D conversion in progress
Bit 5~3
PCR3, PCR2, PCR1, PCR0: A/D channel configuration
0: I/O
1: analog input n (n=0~3)
If PCR0~PCR3 are all zero, the ADC circuit is power off to reduce power consumption
Bit 2~0
ACS1 ~ ACS0: Select A/D channel
00: AN0
01: AN1
10: AN2
11: AN3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com