Electronic Components Datasheet Search
  English  ▼

X  

HT66F03 Datasheet(PDF) 103 Page - Holtek Semiconductor Inc

Part # HT66F03
Description  Small Package Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F03 Datasheet(HTML) 103 Page - Holtek Semiconductor Inc

Back Button HT66F03 Datasheet HTML 99Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 100Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 101Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 102Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 103Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 104Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 105Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 106Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 107Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 139 page
background image
HT66F03/HT66F04/HT68F03/HT68F04
Rev. 1.00
103
April 16, 2010
Example: using an EOCB polling method to detect the end of conversion
clr
ADE
; disable ADC interrupt
mov
a,03H
mov
ADCR1,a
; select fSYS/8 as A/D clock and switch off 1.25V
clr
ADOFF
mov
a,0Fh
; setup ACERL to configure pins AN0~AN3
mov
ACERL,a
mov
a,00h
mov
ADCR0,a
; enable and connect AN0 channel to A/D converter
:
start_conversion:
clr
START
; high pulse on start bit to initiate conversion
set
START
; reset A/D
clr
START
; start A/D
polling_EOC:
sz
EOCB
; poll the ADCR0 register EOCB bit to detect end
; of A/D conversion
jmp polling_EOC
; continue polling
mov
a,ADRL
; read low byte conversion result value
mov
ADRL_buffer,a
; save result to user defined register
mov
a,ADRH
; read high byte conversion result value
mov
ADRH_buffer,a
; save result to user defined register
:
:
jmp
start_conversion
; start next a/d conversion
Example: using the interrupt method to detect the end of conversion
clr
ADE
; disable ADC interrupt
mov
a,03H
mov
ADCR1,a
; select fSYS/8 as A/D clock and switch off 1.25V
Clr
ADOFF
mov
a,0Fh
; setup ACERL to configure pins AN0~AN3
mov
ACERL,a
mov
a,00h
mov
ACERH,00h
; ACERH is only for HT66F60
mov
a,00h
mov
ADCR0,a
; enable and connect AN0 channel to A/D converter
Start_conversion:
clr
START
; high pulse on START bit to initiate conversion
set
START
; reset A/D
clr
START
; start A/D
clr
ADF
; clear ADC interrupt request flag
set
ADE
; enable ADC interrupt
set
EMI
; enable global interrupt
:
:
; ADC interrupt service routine
ADC_ISR:
mov
acc_stack,a
; save ACC to user defined memory
mov
a,STATUS
mov
status_stack,a
; save STATUS to user defined memory
:
:
mov
a,ADRL
; read low byte conversion result value
mov
adrl_buffer,a
; save result to user defined register
mov
a,ADRH
; read high byte conversion result value
mov
adrh_buffer,a
; save result to user defined register
:
:
EXIT_INT_ISR:
mov
a,status_stack
mov
STATUS,a
; restore STATUS from user defined memory
mov
a,acc_stack
; restore ACC from user defined memory
reti



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com