Electronic Components Datasheet Search
  English  ▼

X  

HT66F03 Datasheet(PDF) 104 Page - Holtek Semiconductor Inc

Part # HT66F03
Description  Small Package Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F03 Datasheet(HTML) 104 Page - Holtek Semiconductor Inc

Back Button HT66F03 Datasheet HTML 100Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 101Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 102Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 103Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 104Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 105Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 106Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 107Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 108Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 139 page
background image
HT66F03/HT66F04/HT68F03/HT68F04
Rev. 1.00
104
April 16, 2010
Comparators
An analog comparator is contained within these de-
vices. These functions offer flexibility via their register
controlled features such as power-down, polarity select,
hysteresis etc. In sharing their pins with normal I/O pins
the comparators do not waste precious I/O pins if there
functions are otherwise unused.
Comparator Operation
The device contains a comparator function which is
used to compare two analog voltages and provide an
output based on their difference. Full control over the in-
ternal comparators is provided via the control register
CPC assigned to the comparator. The comparator out-
put is recorded via a bit in the control register, but can
also be transferred out onto a shared I/O pin. Additional
comparator functions include, output polarity, hysteresis
functions and power down control.
Any pull-high resistors connected to the shared com-
parator input pins will be automatically disconnected
when the comparator is enabled. As the comparator in-
puts approach their switching level, some spurious out-
put signals may be generated on the comparator output
due to the slow rising or falling nature of the input sig-
nals. This can be minimised by selecting the hysteresis
function will apply a small amount of positive feedback
to the comparator. Ideally the comparator should switch
at the point where the positive and negative inputs sig-
nals are at the same voltage level, however, unavoid-
able input offsets introduce some uncertainties here.
The hysteresis function, if enabled, also increases the
switching offset value.
Comparator Interrupt
The comparator possesses its own interrupt function.
When the comparator output changes state, its relevant
interrupt flag will be set, and if the corresponding inter-
rupt enable bit is set, then a jump to its relevant interrupt
vector will be executed. Note that it is the changing state
of the COUT bit and not the output pin which generates
an interrupt. If the microcontroller is in the SLEEP or
IDLE Mode and the Comparator is enabled, then if the
external input lines cause the Comparator output to
change state, the resulting generated interrupt flag will
also generate a wake-up. If it is required to disable a
wake-up from occurring, then the interrupt flag should
be first set high before entering the SLEEP or IDLE
Mode.
Programming Considerations
If the comparator is enabled, it will remain active when
the microcontroller enters the SLEEP or IDLE Mode,
however as it will consume a certain amount of power,
the user may wish to consider disabling it before the
SLEEP or IDLE Mode is entered.
As comparator pins are shared with normal I/O pins the
I/O registers for these pins will be read as zero (port con-
trol register is
²1²) or read as port data register value
(port control register is
²0²) if the comparator function is
enabled.
C +
C -
C P O L
C O U T
C X
C S E L
Comparator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com