Electronic Components Datasheet Search
  English  ▼

X  

HT66FU30 Datasheet(PDF) 144 Page - Holtek Semiconductor Inc

Part # HT66FU30
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66FU30 Datasheet(HTML) 144 Page - Holtek Semiconductor Inc

Back Button HT66FU30 Datasheet HTML 140Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 141Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 142Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 143Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 144Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 145Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 146Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 147Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 148Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 250 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.20
144
June 4, 2010
Serial Interface Module
- SIM
These devices contain a Serial Interface Module, which
includes both the four line SPI interface or the two line
I
2C interface types, to allow an easy method of commu-
nication with external peripheral hardware. Having rela-
tively simple communication protocols, these serial
interface types allow the microcontroller to interface to
external SPI or I
2C based hardware such as sensors,
Flash or EEPROM memory, etc. The SIM interface pins
are pin-shared with other I/O pins therefore the SIM in-
terface function must first be selected using a configura-
tion option. As both interface types share the same pins
and registers, the choice of whether the SPI or I2C type
is used is made using the SIM operating mode control
bits, named SIM2~SIM0, in the SIMC0 register. These
pull-high resistors of the SIM pin-shared I/O are se-
lected using pull-high control registers, and also if the
SIM function is enabled.
SPI Interface
The SPI interface is often used to communicate with ex-
ternal peripheral devices such as sensors, Flash or
EEPROM memory devices etc. Originally developed by
Motorola, the four line SPI interface is a synchronous
serial data interface that has a relatively simple commu-
nication protocol simplifying the programming require-
ments when communicating with external hardware
devices.
The communication is full duplex and operates as a
slave/master type, where the device can be either mas-
ter or slave. Although the SPI interface specification can
control multiple slave devices from a single master, but
this device provided only one SCS pin. If the master
needs to control multiple slave devices from a single
master, the master can use I/O pin to select the slave
devices.
· SPI Interface Operation
The SPI interface is a full duplex synchronous serial
data link. It is a four line interface with pin names SDI,
SDO, SCK and SCS. Pins SDI and SDO are the Serial
Data Input and Serial Data Output lines, SCK is the
Serial Clock line and SCS is the Slave Select line. As
the SPI interface pins are pin-shared with normal I/O
pins and with the I
2C function pins, the SPI interface
must first be enabled by selecting the SIM enable con-
figuration option and setting the correct bits in the
SIMC0 and SIMC2 registers. After the SPI configura-
tion option has been configured it can also be addi-
tionally disabled or enabled using the SIMEN bit in the
SIMC0 register. Communication between devices
connected to the SPI interface is carried out in a
slave/master mode with all data transfer initiations be-
ing implemented by the master. The Master also con-
trols the clock signal. As the device only contains a
single SCS pin only one slave device can be utilized.
The SCS pin is controlled by software, set CSEN bit to
²1² to enable SCS pin function, set CSEN bit to ²0² the
SCS pin will be floating state.
S P I M a s t e r
S P I S l a v e
S C K
S D O
S D I
S C S
S C K
S D I
S D O
S C S
SPI Master/Slave Connection
D a t a B u s
S D I P i n
S D O P i n
S I M D
T x / R x S h i f t R e g i s t e r
B u s y
S t a t u s
C o n f i g u r a t i o n
O p t i o n
T R F F l a g
E n a b l e / D i s a b l e
W C O L F l a g
C l o c k
E d g e / P o l a r i t y
C o n t r o l
C l o c k
S o u r c e S e l e c t
f S Y S
f T B C
T M 0 C C R P m a t c h f r e q u e n c y / 2
S C K P i n
S C S P i n
C o n f i g u r a t i o n
O p t i o n
C S E N b i t
E n a b l e / D i s a b l e
C K E N b i t
C K P O L B b i t
SPI Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com