Electronic Components Datasheet Search
  English  ▼

X  

HT66FU30 Datasheet(PDF) 148 Page - Holtek Semiconductor Inc

Part # HT66FU30
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66FU30 Datasheet(HTML) 148 Page - Holtek Semiconductor Inc

Back Button HT66FU30 Datasheet HTML 144Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 145Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 146Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 147Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 148Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 149Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 150Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 151Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 152Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 250 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.20
148
June 4, 2010
S C K ( C K P O L B = 1 )
S C K ( C K P O L B = 0 )
S D O
S C S
S D I D a t a C a p t u r e
D 7 / D 0
D 6 / D 1
D 5 / D 2
D 4 / D 3
D 3 / D 4
D 2 / D 5
D 1 / D 6
D 0 / D 7
W r i t e t o S I M D
( S D O d o e s n o t c h a n g e u n t i l f i r s t S C K e d g e )
SPI Slave Mode Timing
- CKEG=0
SPI Communication
After the SPI interface is enabled by setting the SIMEN
bit high, then in the Master Mode, when data is written to
the SIMD register, transmission/reception will begin si-
multaneously. When the data transfer is complete, the
TRF flag will be set automatically, but must be cleared
using the application program. In the Slave Mode, when
the clock signal from the master has been received, any
data in the SIMD register will be transmitted and any
data on the SDI pin will be shifted into the SIMD register.
The master should output an SCS signal to enable the
slave device before a clock signal is provided. The slave
data to be transferred should be well prepared at the ap-
propriate moment relative to the SCS signal depending
upon the configurations of the CKPOLB bit and CKEG
bit. The accompanying timing diagram shows the rela-
tionship between the slave data and SCS signal for vari-
ous configurations of the CKPOLB and CKEG bits.
The SPI will continue to function even in the IDLE Mode.
S C K ( C K P O L B = 1 , C K E G = 0 )
S I M E N , C S E N = 1
S I M E N = 1 , C S E N = 0 ( E x t e r n a l P u l l - H i g h )
S C K ( C K P O L B = 0 , C K E G = 0 )
S C K ( C K P O L B = 1 , C K E G = 1 )
S C K ( C K P O L B = 0 , C K E G = 1 )
S D O ( C K E G = 0 )
S D O ( C K E G = 1 )
S C S
S D I D a t a C a p t u r e
D 7 / D 0
D 6 / D 1
D 5 / D 2
D 4 / D 3
D 3 / D 4
D 2 / D 5
D 1 / D 6
D 0 / D 7
D 7 / D 0
D 6 / D 1
D 5 / D 2
D 4 / D 3
D 3 / D 4
D 2 / D 5
D 1 / D 6
D 0 / D 7
W r i t e t o S I M D
SPI Master Mode Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com