Electronic Components Datasheet Search
  English  ▼

X  

RE46C162 Datasheet(PDF) 3 Page - Microchip Technology

Part # RE46C162
Description  CMOS Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C162 Datasheet(HTML) 3 Page - Microchip Technology

  RE46C162 Datasheet HTML 1Page - Microchip Technology RE46C162 Datasheet HTML 2Page - Microchip Technology RE46C162 Datasheet HTML 3Page - Microchip Technology RE46C162 Datasheet HTML 4Page - Microchip Technology RE46C162 Datasheet HTML 5Page - Microchip Technology RE46C162 Datasheet HTML 6Page - Microchip Technology RE46C162 Datasheet HTML 7Page - Microchip Technology RE46C162 Datasheet HTML 8Page - Microchip Technology RE46C162 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
 2010 Microchip Technology Inc.
DS22245A-page 3
RE46C162/163
Typical Applications
Note 1:
Select R5 and R6 for the correct level to test the ion chamber. The voltage level on pin 1 (TSTART) must
be greater than the VIH level to initiate the timer. Pin 1 has an internal 180K nominal pull down which must
be considered.
2:
Select R9 to reduce sensitivity during the timer mode.
3:
R3, R4 and C1 are typical values and may be adjusted to maximize sound pressure.
4:
C2 should be located as close as possible to the device power pins.
5:
Route the pin 8 PC board trace away from pin 7 to avoid coupling.
6:
R8 should be at least 1.5K.
RE46C162 Typical Application – Temporal Horn Pattern
9V
Battery
+
-
1µF
C2
R1
8.2M
R2
390
R8
1.5K
R7
100
To Other
Units
R5
100K
TEST and HUSH
R6
68K
R9
R4
220K
R3
1.5M
C1
.001 µF
C3
.1 µF
Dled
1
2
14
15
16
9
3
4
6
7
8
5
11
10
12
13
TSTART
TONE
IO
LED
VDD
RBIAS
TSTROBE
FEED
GUARD2
GUARD1
DETECT
OSCAP
HS
HB
VSEN
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com