Electronic Components Datasheet Search
  English  ▼

X  

RE46C162 Datasheet(PDF) 4 Page - Microchip Technology

Part # RE46C162
Description  CMOS Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C162 Datasheet(HTML) 4 Page - Microchip Technology

  RE46C162 Datasheet HTML 1Page - Microchip Technology RE46C162 Datasheet HTML 2Page - Microchip Technology RE46C162 Datasheet HTML 3Page - Microchip Technology RE46C162 Datasheet HTML 4Page - Microchip Technology RE46C162 Datasheet HTML 5Page - Microchip Technology RE46C162 Datasheet HTML 6Page - Microchip Technology RE46C162 Datasheet HTML 7Page - Microchip Technology RE46C162 Datasheet HTML 8Page - Microchip Technology RE46C162 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
RE46C162/163
DS22245A-page 4
 2010 Microchip Technology Inc.
Note 1:
Select R5 and R6 for the correct level to test the ion chamber. The voltage level on pin 1 (TSTART) must be
greater than the VIH level to initiate the timer. Pin 1 has an internal 180K nominal pull down which must be
considered.
2:
Select R9 to reduce sensitivity during the timer mode.
3:
R3, R4 and C1 are typical values and may be adjusted to maximize sound pressure.
4:
C2 should be located as close as possible to the device power pins.
5:
Route the pin 8 PC board trace away from pin 7 to avoid coupling.
RE46C162 Typical Application – 2/3 Duty Cycle Continuous Tone Horn Pattern
9V
Battery
+
-
1µF
C2
R1
8.2M
R2
390
R7
100
To Other
Units
R5
100K
TEST and HUSH
R6
68K
R9
R4
220K
R3
1.5M
C1
.001 µF
C3
.1 µF
Dled
1
2
14
15
16
9
3
4
6
7
8
5
11
10
12
13
TSTART
TONE
IO
LED
VDD
RBIAS
TSTROBE
FEED
GUARD2
GUARD1
DETECT
OSCAP
HS
HB
VSEN
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com