Electronic Components Datasheet Search
  English  ▼

X  

RE46C162 Datasheet(PDF) 2 Page - Microchip Technology

Part # RE46C162
Description  CMOS Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C162 Datasheet(HTML) 2 Page - Microchip Technology

  RE46C162 Datasheet HTML 1Page - Microchip Technology RE46C162 Datasheet HTML 2Page - Microchip Technology RE46C162 Datasheet HTML 3Page - Microchip Technology RE46C162 Datasheet HTML 4Page - Microchip Technology RE46C162 Datasheet HTML 5Page - Microchip Technology RE46C162 Datasheet HTML 6Page - Microchip Technology RE46C162 Datasheet HTML 7Page - Microchip Technology RE46C162 Datasheet HTML 8Page - Microchip Technology RE46C162 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
RE46C162/163
DS22245A-page 2
 2010 Microchip Technology Inc.
Functional Block Diagram
Logic and
Timing
Bias and
Power
Reset
Oscillator
+
-
+
-
+
-
Reference
TONE (3)
VDD(6)
TSTART (1)
VSEN (13)
GUARD1 (14)
DETECT (15)
GUARD2 (16)
VSS(9)
R4
1100K
R3
340K
R2
760K
IO (2)
FEED (8)
HS (11)
LED (5)
TSTROBE (4)
RBIAS (7)
OSCAP (12)
HB (10)
Smoke
Comparator
Low Battery
Comparator
Guard Amp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com