Electronic Components Datasheet Search
  English  ▼

X  

RE46C162 Datasheet(PDF) 1 Page - Microchip Technology

Part # RE46C162
Description  CMOS Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C162 Datasheet(HTML) 1 Page - Microchip Technology

  RE46C162 Datasheet HTML 1Page - Microchip Technology RE46C162 Datasheet HTML 2Page - Microchip Technology RE46C162 Datasheet HTML 3Page - Microchip Technology RE46C162 Datasheet HTML 4Page - Microchip Technology RE46C162 Datasheet HTML 5Page - Microchip Technology RE46C162 Datasheet HTML 6Page - Microchip Technology RE46C162 Datasheet HTML 7Page - Microchip Technology RE46C162 Datasheet HTML 8Page - Microchip Technology RE46C162 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
 2010 Microchip Technology Inc.
DS22245A-page 1
RE46C162/163
Features
• Pin Selectable Horn Patterns
• Alarm Memory
• Sensitivity Control Timer:
- 8 minute Timer for RE46C162
- 1 minute Timer for RE46C163
• >1500V ESD Protection (HBM) on All Pins
• Guard Outputs for Ion Detector Input
• ±0.75 pA Detect Input Current
• Internal Reverse Battery Protection
• Low Quiescent Current Consumption (<6.5 µA)
• I/O Filter and Charge Dump
• Internal Low Battery Detection
• Power-up Low Battery Test
• Interconnect up to 66 Detectors
• RoHS Compliant, Lead Free Packaging
Description
The RE46C162/163 devices are low-power, CMOS
ionization type, smoke detector ICs. With few external
components, these circuits will provide all the required
features for an ionization type smoke detector.
An internal oscillator strobes power to the smoke
detection circuitry for 10.5 ms every 1.67 seconds to
keep standby current to a minimum. A check for a low
battery condition is performed every 40 seconds when
in standby. The temporal horn pattern supports the
NFPA 72 emergency evacuation signal.
An interconnect pin allows multiple detectors to be
connected so when one unit alarms, all units will sound.
A charge dump feature will quickly discharge the inter-
connect line when exiting a local alarm. The intercon-
nect input is also digitally filtered.
An internal timer allows for a single button, push-to-test
to be used for a reduced sensitivity mode.
An alarm memory feature allows the user to determine
if the unit has previously entered a local alarm
condition.
Utilizing
low-power
CMOS
technology,
the
RE46C162/163 devices are designed for use in smoke
detectors that comply with Underwriters Laboratory
Specification UL217 and UL268.
Package Types
RE46C162/163
PDIP
TSTART
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IO
TONE
TSTROBE
LED
VDD
RBIAS
FEED
GUARD2
DETECT
GUARD1
VSEN
OSCAP
HS
HB
VSS
CMOS Ionization Smoke Detector ASIC with Interconnect,
Timer Mode and Alarm Memory


Similar Part No. - RE46C162

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C165 MICROCHIP-RE46C165 Datasheet
453Kb / 30P
CMOS Photoelectric Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
2010
RE46C165E MICROCHIP-RE46C165E Datasheet
453Kb / 30P
CMOS Photoelectric Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
2010
RE46C165E16F MICROCHIP-RE46C165E16F Datasheet
453Kb / 30P
CMOS Photoelectric Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
2010
RE46C165E16TF MICROCHIP-RE46C165E16TF Datasheet
453Kb / 30P
CMOS Photoelectric Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
2010
RE46C165S MICROCHIP-RE46C165S Datasheet
453Kb / 30P
CMOS Photoelectric Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
2010
More results

Similar Description - RE46C162

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RE46C122 ETC-RE46C122 Datasheet
173Kb / 9P
CMOS Ionization Smoke Detector ASIC with Interconnect and Timer Mode Preliminary Product Specification
logo
Microchip Technology
RE46C121 MICROCHIP-RE46C121 Datasheet
214Kb / 7P
CMOS Ionization Smoke Detector ASIC with Interconnect
2009
RE46C126 MICROCHIP-RE46C126 Datasheet
218Kb / 8P
CMOS Ionization Smoke Detector ASIC with Interconnect
2009
RE46C128 MICROCHIP-RE46C128 Datasheet
223Kb / 8P
CMOS Ionization Smoke Detector ASIC with Interconnect
2009
RE46C122 MICROCHIP-RE46C122 Datasheet
238Kb / 10P
CMOS Ionization Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C127 MICROCHIP-RE46C127 Datasheet
238Kb / 10P
CMOS Ionization Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C152 MICROCHIP-RE46C152 Datasheet
255Kb / 12P
CMOS Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Tone Select
2009
RE46C165 MICROCHIP-RE46C165 Datasheet
453Kb / 30P
CMOS Photoelectric Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
2010
RE46C180S16F MICROCHIP-RE46C180S16F Datasheet
872Kb / 58P
CMOS Programmable Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
08/02/11
RE46C180 MICROCHIP-RE46C180 Datasheet
1Mb / 58P
CMOS Programmable Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
02/28/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com