Electronic Components Datasheet Search
  English  ▼

X  

MMBT4401 Datasheet(PDF) 3 Page - Zowie Technology Corporation

Part # MMBT4401
Description  SWITCHING TRANSISTOR NPN SILICON
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

MMBT4401 Datasheet(HTML) 3 Page - Zowie Technology Corporation

  MMBT4401 Datasheet HTML 1Page - Zowie Technology Corporation MMBT4401 Datasheet HTML 2Page - Zowie Technology Corporation MMBT4401 Datasheet HTML 3Page - Zowie Technology Corporation MMBT4401 Datasheet HTML 4Page - Zowie Technology Corporation MMBT4401 Datasheet HTML 5Page - Zowie Technology Corporation MMBT4401 Datasheet HTML 6Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Zowie Technology Corporation
REV. : 0
Zowie Technology Corporation
MMBT4401
Figure 1. Turn-On Time
Figure 2. Turn-Off Time
1.0 k
+30 V
200
1.0 k
CS* < 10 pF*
< 2.0 ns
< 20 ns
-4.0V
-2.0 V
-14 V
1.0 to 100 us,
DUTY CYCLE = 2%
1.0 to 100 us,
DUTY CYCLE = 2%
+16 V
+16 V
0
0
Scope rise time < 4.0 ns
* Total shunt capacitance of test jig and connectors
REVERSE BIAS VOLTAGE ( VOLTS )
5.0
7.0
3.0
10
20
30
2.0
0.1
IC, COLLECTOR CURRENT ( mA )
10
10
7.0
5.0
3.0
1.0
0.7
0.5
2.0
0.3
0.1
0.2
20
30
50
70
100
200
300
500
1.0
2.0 3.0
5.0
10
20 30 50
0.2 0.3
0.5
Ccb
Cobo
TJ=25
o
C
TJ=100
o
C
TRANSIENT CHARACTERISTICS
SWITCHING TIME EQUIVALENT TEST CIRCUITS
VCC=30 V
IC/IB=10
Figure 3. Capacitance
Figure 4. Charge Data
QT
QA
+30 V
200
CS* < 10 pF*



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com