Electronic Components Datasheet Search
  English  ▼

X  

MMBT4401 Datasheet(PDF) 4 Page - Zowie Technology Corporation

Part # MMBT4401
Description  SWITCHING TRANSISTOR NPN SILICON
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

MMBT4401 Datasheet(HTML) 4 Page - Zowie Technology Corporation

  MMBT4401 Datasheet HTML 1Page - Zowie Technology Corporation MMBT4401 Datasheet HTML 2Page - Zowie Technology Corporation MMBT4401 Datasheet HTML 3Page - Zowie Technology Corporation MMBT4401 Datasheet HTML 4Page - Zowie Technology Corporation MMBT4401 Datasheet HTML 5Page - Zowie Technology Corporation MMBT4401 Datasheet HTML 6Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Zowie Technology Corporation
REV. : 0
Zowie Technology Corporation
MMBT4401
Figure 5. Turn-On Time
IC, COLLECTOR CURRENT ( mA )
Figure 7. Storage Time
Figure 8. Fall Time
IC, COLLECTOR CURRENT ( mA )
IC, COLLECTOR CURRENT ( mA )
IC, COLLECTOR CURRENT ( mA )
Figure 9.Frquency Effects
f, FREQUENCY (kHz)
Figure 10.Source Resistance Effects
RS, SOURCE RESISTANCE ( OHMS )
Figure 6. Rise and Fall Times
20
30
50
5.0
10
7.0
70
100
10
20
50
70
100
200
300
500
30
20
30
50
5.0
10
7.0
70
100
10
20
50
70
100
200
300
500
30
IC/IB=10
tr @ VCC=30V
tr @ VCC=10V
tb @ VEB=2.0V
td @ VEB=0V
TRANSIENT CHARACTERISTICS
SMALL-SIGNAL CHARACTERISTICS
NOISE FIGURE
VCE=10 Vdc, TA=25
o
C
Bandwidth=1.0HZ
VCC=30 V
IC/IB=10
20
30
50
70
100
10
5.0
7.0
10
20
50
70
100
200
300
500
30
IC/IB=20
IC/IB=10
VCC=30 V
IB1=IB2
tr
tr
10
20
50
70
100
200
300
500
30
100
200
30
70
50
300
tS4 = tS - 1/8tf
IB1 = IB2
IC/IB = 10 to 20
6.0
8.0
10
0
4.0
2.0
0.1
2.0
5.0
10
20
50
1.0
0.5
0.2
0.01 0.02 0.05
100
100 k
50
100 200
500
1.0 k 2.0 k 5.0 k10 k 20 k
50 k
6.0
8.0
10
0
4.0
2.0
f = 1.0 kHz
IC=1.0mA, RS=150
IC=500uA, RS=200
IC=100uA, RS=2.0k
IC=50uA, RS=4.0k
IC=50uA
IC=100uA
IC=500uA
IC=1.0mA
RS=OPTIMUM
SOURCE
RESISTANCE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com