Electronic Components Datasheet Search
  English  ▼

X  

MMBT4401 Datasheet(PDF) 6 Page - Zowie Technology Corporation

Part # MMBT4401
Description  SWITCHING TRANSISTOR NPN SILICON
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

MMBT4401 Datasheet(HTML) 6 Page - Zowie Technology Corporation

  MMBT4401 Datasheet HTML 1Page - Zowie Technology Corporation MMBT4401 Datasheet HTML 2Page - Zowie Technology Corporation MMBT4401 Datasheet HTML 3Page - Zowie Technology Corporation MMBT4401 Datasheet HTML 4Page - Zowie Technology Corporation MMBT4401 Datasheet HTML 5Page - Zowie Technology Corporation MMBT4401 Datasheet HTML 6Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Zowie Technology Corporation
REV. : 0
Zowie Technology Corporation
MMBT4401
Figure 17. " ON " Voltage
Figure 16. Collector Saturation Region
Figure 18. Temperature Coefficients
IC, COLLECTOR CURRENT ( mA )
IC, COLLECTOR CURRENT ( mA )
IB, BASE CURRENT ( mA )
Figure 15. DC Current Gain
IC, COLLECTOR CURRENT ( mA )
STATIC CHARACTERISTICS
0.4
0.6
0.8
1.0
0.2
0.1
0.5
2.0
3.0
50
0.2
0.3
0
1.0
0.7
5.0 7.0
0.07
0.05
0.03
0.02
0.01
10
20
30
0.3
0.5
0.7
1.0
3.0
0.1
0.5
2.0
3.0
10
50
70
0.2
0.3
0.2
100
1.0
0.7
500
30
20
5.0
7.0
2.0
200
300
0.4
0.6
0.8
1.0
0.2
1.0 2.0
5.0
10
20
50
0
100
-0.5
0
+0.5
-1.0
-1.5
-2.0
500
200
0.1
0.2
0.5
-2.5
1.0
2.0
5.0
10
20
50
100
500
200
0.1 0.2
0.5
VCE=1.0V
VCE=10V
TJ=125
o
C
TJ=25
o
C
TJ= -55
o
C
TJ= 25
o
C
TJ= 25
o
C
IC = 1.0mA
IC = 10mA
VBE(SAT) @ IC/IB = 10
VBE @ VCE = 10 V
VCE(SAT) @ IC/IB = 10
IC = 100mA
IC = 500mA
VC for VCE(sat)
VB for VBE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com