Electronic Components Datasheet Search
  English  ▼

X  

MMBT4401 Datasheet(PDF) 5 Page - Zowie Technology Corporation

Part # MMBT4401
Description  SWITCHING TRANSISTOR NPN SILICON
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

MMBT4401 Datasheet(HTML) 5 Page - Zowie Technology Corporation

  MMBT4401 Datasheet HTML 1Page - Zowie Technology Corporation MMBT4401 Datasheet HTML 2Page - Zowie Technology Corporation MMBT4401 Datasheet HTML 3Page - Zowie Technology Corporation MMBT4401 Datasheet HTML 4Page - Zowie Technology Corporation MMBT4401 Datasheet HTML 5Page - Zowie Technology Corporation MMBT4401 Datasheet HTML 6Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Zowie Technology Corporation
REV. : 0
Zowie Technology Corporation
MMBT4401
Figure 11. Current Gain
IC, COLLECTOR CURRENT ( mA )
Figure 13. Voltage Feedback Ratio
Figure 14. Output Admittance
IC, COLLECTOR CURRENT ( mA )
IC, COLLECTOR CURRENT ( mA )
IC, COLLECTOR CURRENT ( mA )
Figure 12. Input Impedance
h PARAMETERS
VCE = 10 Vdc, f = 1.0 kHZ, TA = 25
oC
0.1
0.2
0.5 0.7
1.0
2.0
3.0
10
0.3
100
200
20
70
50
300
50k
500
30
5.0 7.0
20k
10k
5.0k
2.0k
1.0k
0.1
0.2
0.5 0.7
1.0
2.0
3.0
10
0.3
5.0
7.0
0.1
0.2
0.5 0.7
1.0
2.0
3.0
10
0.3
0.2
10
100
1.0
5.0 7.0
50
20
10
5.0
2.0
7.0
5.0
3.0
2.0
1.0
0.7
0.5
0.3
0.1
0.2
0.5 0.7
1.0
2.0 3.0
10
0.3
5.0 7.0
This group of graphs illustrates the relationship between
hfe and and other " h " parameters for this series of transistors.
To obtain these curves, a high-gain and a low-gain unit were
selected from the MMBT4401LT1 lines, and the same units
were used to develop the correspondingly numbered curves
on each graph.
MMBT4401LT1 UNIT 1
MMBT4401LT1 UNIT 2
MMBT4401LT1 UNIT 1
MMBT4401LT1 UNIT 2
MMBT4401LT1 UNIT 1
MMBT4401LT1 UNIT 2
MMBT4401LT1 UNIT 1
MMBT4401LT1 UNIT 2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com