Electronic Components Datasheet Search
  English  ▼

X  

ADS5281IPFP Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5281IPFP
Description  12-Bit Octal-Channel ADC Family Up to 65MSPS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5281IPFP Datasheet(HTML) 34 Page - Texas Instruments

Back Button ADS5281IPFP Datasheet HTML 30Page - Texas Instruments ADS5281IPFP Datasheet HTML 31Page - Texas Instruments ADS5281IPFP Datasheet HTML 32Page - Texas Instruments ADS5281IPFP Datasheet HTML 33Page - Texas Instruments ADS5281IPFP Datasheet HTML 34Page - Texas Instruments ADS5281IPFP Datasheet HTML 35Page - Texas Instruments ADS5281IPFP Datasheet HTML 36Page - Texas Instruments ADS5281IPFP Datasheet HTML 37Page - Texas Instruments ADS5281IPFP Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
www.ti.com
INPUT OVER-VOLTAGE RECOVERY
REF
T
REF
B
I
SET
0.1 F
m
2.2 F
m
0
to
2
W
W
0
to
W
2
W
56.2k
W
2.2 F
m
0.1 F
m
ADS528x
REFERENCE CIRCUIT
VREF =1.5V+
T
V
CM
1.5V
(4)
VREF =1.5V
-
B
V
CM
1.5V
(5)
ADS5281
ADS5282
SBAS397H – DECEMBER 2006 – REVISED MARCH 2008
The
differential
peak-to-peak
full-scale
range
supported by the ADS528x is nominally 2.0V. The
ADS528x
is
specially
designed
to
handle
an
over-voltage
condition
where
the
differential
peak-to-peak voltage can be up to twice the ADC
full-scale range. If the input common-mode is not
considerably off from VCM during overload (less than
300mV around the nominal value of 1.5V), recovery
from an over-voltage pulse input of twice the
amplitude of a full-scale pulse is expected to be
within one clock cycle when the input switches from
overload to zero signal.
Figure 42. Suggested Decoupling on the
Reference Pins
The digital beam-forming algorithm in an ultrasound
system relies on gain matching across all receiver
The device also supports the use of external
channels. A typical system would have about 12 octal
reference voltages. There are two methods to force
ADCs on the board. In such a case, it is critical to
the references externally. The first method involves
ensure that the gain is matched, essentially requiring
pulling INT/EXT low and forcing externally REFT and
the reference voltages seen by all the ADCs to be the
REFB to 2.5V and 0.5V nominally, respectively. In this
same. Matching references within the eight channels
mode, the internal reference buffer goes to a 3-state
of a chip is done by using a single internal reference
output. The external reference driving circuit should
voltage buffer. Trimming the reference voltages on
be designed to provide the required switching current
each
chip
during
production
ensures
that
the
for the eight ADCs inside the chip. It should be noted
reference voltages are well-matched across different
that in this mode, VCM and ISET continue to be
chips.
generated from the internal bandgap voltage, as in
the internal reference mode. It is therefore important
All bias currents required for the internal operation of
to ensure that the common-mode voltage of the
the device are set using an external resistor to
externally-forced
reference
voltages
matches
to
ground at the ISET pin. Using a 56.2kΩ resistor on ISET
within 50mV of VCM.
generates an internal reference current of 20
µA. This
current is mirrored internally to generate the bias
The second method of forcing the reference voltages
current for the internal blocks. Using a larger external
externally can be accessed by pulling INT/EXT low,
resistor at ISET reduces the reference bias current and
and programming the serial interface to drive the
thereby scales down the device operating power.
external reference mode through the VCM pin (register
However, it is recommended that the external resistor
bit called EXT_REF_VCM). In this mode, VCM
be within 10% of the specified value of 56.2k
Ω so
becomes configured as an input pin that can be
that the internal bias margins for the various blocks
driven from external circuitry. The internal reference
are proper.
buffers driving REFT and REFB are active in this
mode. Forcing 1.5V on the VCM pin in the mode
Buffering the internal bandgap voltage also generates
results in REFT and REFB coming to 2.5V and 0.5V,
the common-mode voltage VCM, which is set to the
respectively. In general, the voltages on REFT and
midlevel of REFT and REFB, and is accessible on a
REFB in this mode are given by Equation 4 and
pin (pin 65 in TQFP-80 package, pin 53 in QFN-64
Equation 5, respectively:
package). It is meant as a reference voltage to derive
the input common-mode if the input is directly
coupled. It can also be used to derive the reference
common-mode voltage in the external reference
mode. The suggested decoupling for the reference
pins is shown in Figure 42.
The state of the reference voltage internal buffers
during various combinations of the PD, INT/EXT, and
EXT_REF_VCM register bits is described in Table 7.
34
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS5281 ADS5282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com