Electronic Components Datasheet Search
  English  ▼

X  

ADS5281IPFP Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5281IPFP
Description  12-Bit Octal-Channel ADC Family Up to 65MSPS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5281IPFP Datasheet(HTML) 26 Page - Texas Instruments

Back Button ADS5281IPFP Datasheet HTML 22Page - Texas Instruments ADS5281IPFP Datasheet HTML 23Page - Texas Instruments ADS5281IPFP Datasheet HTML 24Page - Texas Instruments ADS5281IPFP Datasheet HTML 25Page - Texas Instruments ADS5281IPFP Datasheet HTML 26Page - Texas Instruments ADS5281IPFP Datasheet HTML 27Page - Texas Instruments ADS5281IPFP Datasheet HTML 28Page - Texas Instruments ADS5281IPFP Datasheet HTML 29Page - Texas Instruments ADS5281IPFP Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
www.ti.com
0
-
20
-
40
-
60
-
80
-
100
-
120
-
140
-
180
InputFrequency(MHz)
0
33
20
15
10
5
-
160
SFDR=86.2dBc
SNR=70.5dBFS
SNR(0MHzto1MHz)=86.1dBFS
SINAD=70.4dBFS
THD=85.4dBc
25
30
92
87
82
77
72
67
InputFrequency(MHz)
5
30
20
15
10
25
SNR(dBFS)
SFDR(dBc)
f =40MHz
S
92
87
82
77
72
67
InputFrequency(MHz)
5
30
20
15
10
25
SNR(dBFS)
SFDR(dBc)
f =50MHz
S
97
92
87
82
77
72
67
InputFrequency(MHz)
5
30
20
15
10
25
SNR(dBFS)
SFDR(dBc)
f =65MHz
S
95
90
85
80
75
70
65
60
DigitalGain(dB)
0
12
6
4
2
8
SNR(dBFS)
SFDR(dBc)
f =65MHz
f
=10MHz
S
IN
10
95
90
85
80
75
70
65
60
AVDD(V)
3.0
3.6
3.3
3.2
3.1
3.4
SNR(dBFS)
SFDR(dBc)
f =65MHz
f
=10MHz
S
IN
3.5
ADS5281
ADS5282
SBAS397H – DECEMBER 2006 – REVISED MARCH 2008
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, AVDD = +3.3V, LVDD = 1.8V, clock frequency = 65MSPS, differential clock mode, 1VPP clock amplitude, 50%
clock duty cycle, input frequency = 10MHz, –1dBFS differential analog input, 0dB digital gain setting, 1.5V analog input
common-mode, low-frequency noise suppression = off, internal reference mode, ISET resistor = 56.2kΩ, and LVDS buffer
current setting = 3.5mA, unless otherwise noted.
SPECTRAL PERFORMANCE, LOW-FREQUENCY NOISE
SUPPRESSION MODE ENABLED
(fS = 65MHz, fIN = 25MHz)
DYNAMIC PERFORMANCE vs INPUT FREQUENCY
Figure 10.
Figure 11.
DYNAMIC PERFORMANCE vs INPUT FREQUENCY
DYNAMIC PERFORMANCE vs INPUT FREQUENCY
Figure 12.
Figure 13.
DYNAMIC PERFORMANCE vs DIGITAL GAIN
DYNAMIC PERFORMANCE vs AVDD
Figure 14.
Figure 15.
26
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS5281 ADS5282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com