Electronic Components Datasheet Search
  English  ▼

X  

ADS5281IPFP Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5281IPFP
Description  12-Bit Octal-Channel ADC Family Up to 65MSPS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5281IPFP Datasheet(HTML) 15 Page - Texas Instruments

Back Button ADS5281IPFP Datasheet HTML 11Page - Texas Instruments ADS5281IPFP Datasheet HTML 12Page - Texas Instruments ADS5281IPFP Datasheet HTML 13Page - Texas Instruments ADS5281IPFP Datasheet HTML 14Page - Texas Instruments ADS5281IPFP Datasheet HTML 15Page - Texas Instruments ADS5281IPFP Datasheet HTML 16Page - Texas Instruments ADS5281IPFP Datasheet HTML 17Page - Texas Instruments ADS5281IPFP Datasheet HTML 18Page - Texas Instruments ADS5281IPFP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
www.ti.com
SERIAL INTERFACE
Register Initialization
D15 D14 D13 D12 D11 D10 D9
D8 D7 D6 D5 D4 D3 D2 D1 D0
A7 A6 A5 A4 A3 A2 A1 A0
CS
SCLK
SDATA
DatalatchedonrisingedgeofSCLK
StartSequence
EndSequence
t
6
t
4
t
2
t
7
t
3
t
5
t
1
ADS5281
ADS5282
SBAS397H – DECEMBER 2006 – REVISED MARCH 2008
The ADS528x has a set of internal registers that can be accessed through the serial interface formed by pins CS
(chip select, active low), SCLK (serial interface clock), and SDATA (serial interface data). When CS is low, the
following actions occur:
• Serial shift of bits into the device is enabled
• SDATA (serial data) is latched at every rising edge of SCLK
• SDATA is loaded into the register at every 24th SCLK rising edge
If the word length exceeds a multiple of 24 bits, the excess bits are ignored. Data can be loaded in multiples of
24-bit words within a single active CS pulse. The first eight bits form the register address and the remaining 16
bits form the register data. The interface can work with SCLK frequencies from 20MHz down to very low speeds
(a few hertz) and also with a non-50% SCLK duty cycle.
After power-up, the internal registers must be initialized to the respective default values. Initialization can be
done in one of two ways:
1. Through a hardware reset, by applying a low-going pulse on the RESET pin; or
2. Through a software reset; using the serial interface, set the RST bit high. Setting this bit initializes the
internal registers to the respective default values and then self-resets the RST bit low. In this case, the
RESET pin stays high (inactive).
After all registers have been initialized to their default values through a RESET operation, the registers detailed
in the Initialization Registers table must be written into. This process must be done after every hardware or
software RESET operation in order to reconfigure the device for the best mode of operation.
SERIAL INTERFACE TIMING
ADS528x
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
t1
SCLK period
50
ns
t2
SCLK high time
20
ns
t3
SCLK low time
20
ns
t4
Data setup time
5
ns
t5
Data hold time
5
ns
t6
CS fall to SCLK rise
8
ns
t7
Time between last SCLK rising edge to CS rising edge
8
ns
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): ADS5281 ADS5282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com