Electronic Components Datasheet Search
  English  ▼

X  

ADS5281IPFP Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5281IPFP
Description  12-Bit Octal-Channel ADC Family Up to 65MSPS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5281IPFP Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADS5281IPFP Datasheet HTML 12Page - Texas Instruments ADS5281IPFP Datasheet HTML 13Page - Texas Instruments ADS5281IPFP Datasheet HTML 14Page - Texas Instruments ADS5281IPFP Datasheet HTML 15Page - Texas Instruments ADS5281IPFP Datasheet HTML 16Page - Texas Instruments ADS5281IPFP Datasheet HTML 17Page - Texas Instruments ADS5281IPFP Datasheet HTML 18Page - Texas Instruments ADS5281IPFP Datasheet HTML 19Page - Texas Instruments ADS5281IPFP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
www.ti.com
SERIAL REGISTER MAP
ADS5281
ADS5282
SBAS397H – DECEMBER 2006 – REVISED MARCH 2008
Table 3. SUMMARY OF FUNCTIONS SUPPORTED BY SERIAL INTERFACE(1)(2)(3)(4)
ADDRESS
IN HEX
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NAME
DESCRIPTION
DEFAULT
00
X
RST
Self-clearing software RESET.
Inactive
Channel-specific ADC
X
X
X
X
X
X
X
X
PDN_CH<8:1>
Inactive
power-down mode.
Partial power-down mode (fast
X
PDN_PARTIAL
Inactive
recovery from power-down).
0F
Register mode for complete
X
PDN_COMPLETE
Inactive
power-down (slower recovery).
Configures the PD pin for partial
Complete
X
PDN_PIN_CFG
power-down mode.
power-down
LVDS current drive
X
X
X
ILVDS_LCLK<2:0>
programmability for LCLKN and
3.5mA drive
LCLKP pins.
LVDS current drive
ILVDS_FRAME
11
X
X
X
programmability for ADCLKN and
3.5mA drive
<2:0>
ADCLKP pins.
LVDS current drive
X
X
X
ILVDS_DAT<2:0>
programmability for OUTN and
3.5mA drive
OUTP pins.
Enables internal termination for
Termination
X
EN_LVDS_TERM
LVDS buffers.
disabled
Programmable termination for
Termination
1
X
X
X
TERM_LCLK<2:0>
LCLKN and LCLKP buffers.
disabled
12
TERM_FRAME
Programmable termination for
Termination
1
X
X
X
<2:0>
ADCLKN and ADCLKP buffers.
disabled
Programmable termination for
Termination
1
X
X
X
TERM_DAT<2:0>
OUTN and OUTP buffers.
disabled
Channel-specific, low-frequency
14
X
X
X
X
X
X
X
X
LFNS_CH<8:1>
Inactive
noise suppression mode enable.
INP is
Swaps the polarity of the analog
24
X
X
X
X
X
X
X
X
INVERT_CH<8:1>
positive
input pins electrically.
input
Enables a repeating full-scale
X
0
0
EN_RAMP
Inactive
ramp pattern on the outputs.
Enables the mode wherein the
DUALCUSTOM_
0
X
0
output toggles between two
Inactive
PAT
defined codes.
Enables the mode wherein the
SINGLE_CUSTOM
0
0
X
output is a constant specified
Inactive
25
_PAT
code.
2MSBs for a single custom
BITS_CUSTOM1
pattern (and for the first code of
X
X
Inactive
<11:10>
the dual custom pattern). <11> is
the MSB.
BITS_CUSTOM2
2MSBs for the second code of
X
X
Inactive
<11:10>
the dual custom pattern.
10 lower bits for the single
BITS_CUSTOM1
custom pattern (and for the first
26
X
X
X
X
X
X
X
X
X
X
Inactive
<9:0>
code of the dual custom pattern).
<0> is the LSB.
BITS_CUSTOM2
10 lower bits for the second
27
X
X
X
X
X
X
X
X
X
X
Inactive
<9:0>
code of the dual custom pattern.
X
X
X
X
GAIN_CH1<3:0>
Programmable gain channel 1.
0dB gain
X
X
X
X
GAIN_CH2<3:0>
Programmable gain channel 2.
0dB gain
2A
X
X
X
X
GAIN_CH3<3:0>
Programmable gain channel 3.
0dB gain
X
X
X
X
GAIN_CH4<3:0>
Programmable gain channel 4.
0dB gain
X
X
X
X
GAIN_CH5<3:0>
Programmable gain channel 5.
0dB gain
X
X
X
X
GAIN_CH6<3:0>
Programmable gain channel 6.
0dB gain
2B
X
X
X
X
GAIN_CH7<3:0>
Programmable gain channel 7.
0dB gain
X
X
X
X
GAIN_CH8<3:0>
Programmable gain channel 8.
0dB gain
(1)
The unused bits in each register (identified as blank table cells) must be programmed as '0'.
(2)
X = Register bit referenced by the corresponding name and description (default is 0).
(3)
Bits marked as '0' should be forced to 0, and bits marked as '1' should be forced to 1 when the particular register is programmed.
(4)
Multiple functions in a register should be programmed in a single write operation.
16
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS5281 ADS5282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com