Electronic Components Datasheet Search
  English  ▼

X  

LTC2480 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2480
Description  16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2480 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2480 Datasheet HTML 9Page - Linear Technology LTC2480 Datasheet HTML 10Page - Linear Technology LTC2480 Datasheet HTML 11Page - Linear Technology LTC2480 Datasheet HTML 12Page - Linear Technology LTC2480 Datasheet HTML 13Page - Linear Technology LTC2480 Datasheet HTML 14Page - Linear Technology LTC2480 Datasheet HTML 15Page - Linear Technology LTC2480 Datasheet HTML 16Page - Linear Technology LTC2480 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
LTC2480
13
2480fc
TIMING DIAGRAMS
Timing Diagram Using Internal SCK
CS
SDO
SCK
SDI
t1
t3
t7
t8
SLEEP
tKQMAX
CONVERSION
DATA IN/OUT
tKQMIN
t2
2480 TD1
Timing Diagram Using External SCK
CS
SDO
SCK
SDI
t1
t5
t6
t4
t7
t8
SLEEP
tKQMAX
CONVERSION
DATA IN/OUT
tKQMIN
t2
2480 TD2
APPLICATIONS INFORMATION
CONVERTER OPERATION
Converter Operation Cycle
The LTC2480 is a low power, delta-sigma analog-to-digi-
tal converter with an easy to use 4-wire serial interface
and automatic differential input current cancellation.
Its operation is made up of three states. The converter
operating cycle begins with the conversion, followed by
the low power sleep state and ends with the data output
(see Figure 1). The 4-wire interface consists of serial data
output (SDO), serial clock (SCK), chip select (CS) and
serial data input (SDI).
Initially, the LTC2480 performs a conversion. Once the
conversion is complete, the device enters the sleep state.
CONVERT
SLEEP
DATA OUTPUT
CONFIGURATION INPUT
2480 F01
TRUE
FALSE
CS = LOW
AND
SCK
Figure 1. LTC2480 State Transition Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com