Electronic Components Datasheet Search
  English  ▼

X  

LTC2480 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2480
Description  16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2480 Datasheet(HTML) 4 Page - Linear Technology

  LTC2480 Datasheet HTML 1Page - Linear Technology LTC2480 Datasheet HTML 2Page - Linear Technology LTC2480 Datasheet HTML 3Page - Linear Technology LTC2480 Datasheet HTML 4Page - Linear Technology LTC2480 Datasheet HTML 5Page - Linear Technology LTC2480 Datasheet HTML 6Page - Linear Technology LTC2480 Datasheet HTML 7Page - Linear Technology LTC2480 Datasheet HTML 8Page - Linear Technology LTC2480 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
LTC2480
4
2480fc
CONVERTER CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Notes 3, 4)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Common Mode Rejection DC
2.5V ≤ VREF ≤ VCC, GND ≤ IN– = IN+ ≤ VCC (Note 5)
l
140
dB
Input Common Mode Rejection
50Hz ±2%
2.5V ≤ VREF ≤ VCC, GND ≤ IN– = IN+ ≤ VCC (Note 5)
l
140
dB
Input Common Mode Rejection
60Hz ±2%
2.5V ≤ VREF ≤ VCC, GND ≤ IN– = IN+ ≤ VCC (Note 5)
l
140
dB
Input Normal Mode Rejection
50Hz ±2%
2.5V ≤ VREF ≤ VCC, GND ≤ IN– = IN+ ≤ VCC (Notes 5, 7)
2.5V ≤ VREF ≤ VCC, GND ≤ IN– = IN+ ≤ VCC (Notes 5, 7) (H-Grade)
l
l
110
104
120
dB
dB
Input Normal Mode Rejection
60Hz ±2%
2.5V ≤ VREF ≤ VCC, GND ≤ IN– = IN+ ≤ VCC (Notes 5, 8)
2.5V ≤ VREF ≤ VCC, GND ≤ IN– = IN+ ≤ VCC (Notes 5, 8) (H-Grade)
l
l
110
104
120
dB
dB
Input Normal Mode Rejection
50Hz/60Hz ±2%
2.5V ≤ VREF ≤ VCC, GND ≤ IN– = IN+ ≤ VCC (Notes 5, 9)
l
87
dB
Reference Common Mode
Rejection DC
2.5V ≤ VREF ≤ VCC, GND ≤ IN– = IN+ ≤ VCC (Note 5)
l
120
140
dB
Power Supply Rejection DC
VREF = 2.5V, IN– = IN+ = GND
120
dB
Power Supply Rejection, 50Hz ±2%
VREF = 2.5V, IN– = IN+ = GND (Notes 7, 9)
120
dB
Power Supply Rejection, 60Hz ±2%
VREF = 2.5V, IN– = IN+ = GND (Notes 8, 9)
120
dB
ANALOG INPUT AND REFERENCE The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IN+
Absolute/Common Mode IN+ Voltage
GND – 0.3V
VCC + 0.3V
V
IN–
Absolute/Common Mode IN– Voltage
GND – 0.3V
VCC + 0.3V
V
FS
Full-Scale of the Differential Input (IN+ – IN–)
l 0.5VREF/GAIN
V
LSB
Least Significant Bit of the Output Code
l
FS/216
VIN
Input Differential Voltage Range (IN+ – IN–)
l
–FS
+FS
V
VREF
Reference Voltage Range
l
0.1
VCC
V
CS (IN+)IN+ Sampling Capacitance
11
pF
CS (IN–)IN– Sampling Capacitance
11
pF
CS (VREF)VREF Sampling Capacitance
11
pF
IDC_LEAK (IN+)IN+ DC Leakage Current
Sleep Mode, IN+ = GND
l
–10
1
10
nA
IDC_LEAK (IN–)IN– DC Leakage Current
Sleep Mode, IN– = GND
l
–10
1
10
nA
IDC_LEAK (VREF)VREF DC Leakage Current
Sleep Mode, VREF = VCC
l
–100
1
100
nA
ANALOG INPUTS AND DIGITAL OUTPUTS The l denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. (Note 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage CS, fO, SDI
2.7V ≤ VCC ≤ 5.5V
l
VCC – 0.5
V
VIL
Low Level Input Voltage CS, fO, SDI
2.7V ≤ VCC ≤ 5.5V
l
0.5
V
VIH
High Level Input Voltage SCK
2.7V ≤ VCC ≤ 5.5V (Note 10)
l
VCC – 0.5
V
VIL
Low Level Input Voltage SCK
2.7V ≤ VCC ≤ 5.5V (Note 10)
l
0.5
V
IIN
Digital Input Current CS, fO, SDI
0V ≤ VIN ≤ VCC
l
–10
10
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com