Electronic Components Datasheet Search
  English  ▼

X  

LTC2480 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2480
Description  16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2480 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2480 Datasheet HTML 2Page - Linear Technology LTC2480 Datasheet HTML 3Page - Linear Technology LTC2480 Datasheet HTML 4Page - Linear Technology LTC2480 Datasheet HTML 5Page - Linear Technology LTC2480 Datasheet HTML 6Page - Linear Technology LTC2480 Datasheet HTML 7Page - Linear Technology LTC2480 Datasheet HTML 8Page - Linear Technology LTC2480 Datasheet HTML 9Page - Linear Technology LTC2480 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
LTC2480
6
2480fc
TIMING CHARACTERISTICS The l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 3)
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to GND.
Note 3: VCC = 2.7V to 5.5V unless otherwise specified.
VREFCM = VREF/2, FS = 0.5VREF/GAIN
VIN = IN+ – IN–, VIN(CM) = (IN+ + IN–)/2
Note 4: Use internal conversion clock or external conversion clock source
with fEOSC = 307.2kHz unless otherwise specified.
Note 5: Guaranteed by design, not subject to test.
Note 6: Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
The deviation is measured from the center of the quantization band.
Note 7: 50Hz mode (internal oscillator) or fEOSC = 256kHz ±2% (external
oscillator).
Note 8: 60Hz mode (internal oscillator) or fEOSC = 307.2kHz ±2% (external
oscillator).
Note 9: Simultaneous 50Hz/60Hz mode (internal oscillator) or fEOSC =
280kHz ±2% (external oscillator).
Note 10: The SCK can be configured in external SCK mode or internal SCK
mode. In external SCK mode, the SCK pin is used as digital input and the
driving clock is fESCK. In internal SCK mode, the SCK pin is used as digital
output and the output clock signal during the data output is fISCK.
Note 11: The external oscillator is connected to the fO pin. The external
oscillator frequency, fEOSC, is expressed in kHz.
Note 12: The converter uses the internal oscillator.
Note 13: The output noise includes the contribution of the internal
calibration operations.
Note 14: Guaranteed by design and test correlation.
Note 15: Refer to Applications Information section for performance vs
data rate graphs.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tLESCK
External SCK Low Period
(Note 10)
l
125
ns
tHESCK
External SCK High Period
(Note 10)
l
125
ns
tDOUT_ISCK
Internal SCK 24-Bit Data Output Time
Internal Oscillator (Notes 10, 12)
l
0.61
0.625
0.64
ms
External Oscillator (Notes 10, 11)
l
192/fEOSC (in kHz)
ms
tDOUT_ESCK
External SCK 24-Bit Data Output Time
(Note 10)
l
24/fESCK (in kHz)
ms
t1
CS↓ to SDO Low
l
0
200
ns
t2
CS↑ to SDO High Z
l
0
200
ns
t3
CS↓ to SCK↓
Internal SCK Mode
l
0
200
ns
t4
CS↓ to SCK↑
External SCK Mode
l
50
ns
tKQMAX
SCK
↓ to SDO Valid
l
200
ns
tKQMIN
SDO Hold After SCK
↓
(Note 5)
l
15
ns
t5
SCK Set-Up Before CS
↓
l
50
ns
t6
SCK Hold After CS
↓
l
50
ns
t7
SDI Setup Before SCK
↑
(Note 5)
l
100
ns
t8
SDI Hold After SCK
↑
(Note 5)
l
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com