Electronic Components Datasheet Search
  English  ▼

X  

LTC2480 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2480
Description  16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2480 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2480 Datasheet HTML 17Page - Linear Technology LTC2480 Datasheet HTML 18Page - Linear Technology LTC2480 Datasheet HTML 19Page - Linear Technology LTC2480 Datasheet HTML 20Page - Linear Technology LTC2480 Datasheet HTML 21Page - Linear Technology LTC2480 Datasheet HTML 22Page - Linear Technology LTC2480 Datasheet HTML 23Page - Linear Technology LTC2480 Datasheet HTML 24Page - Linear Technology LTC2480 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
LTC2480
21
2480fc
Input signals applied to IN+ and IN– pins may extend by
300mV below ground and above VCC. In order to limit any
fault current, resistors of up to 5k may be added in series
with the IN+ and IN– pins without affecting the performance
of the devices. The effect of the series resistance on the
converter accuracy can be evaluated from the curves
presented in the Input Current/Reference Current sections.
In addition, series resistors will introduce a temperature
dependent offset error due to the input leakage current.
A 1nA input leakage current will develop a 1ppm offset
error on a 5k resistor if VREF = 5V. This error has a very
strong temperature dependency.
Serial Interface Timing Modes
The LTC2480’s 4-wire interface is SPI and MICROWIRE
compatible. This interface offers several flexible modes of
operation. These include internal/external serial clock,
3- or 4-wire I/O, single cycle or continuous conversion. The
following sections describe each of these serial interface
timing modes in detail. In all these cases, the converter
can use the internal oscillator (fO = LOW or fO = HIGH)
or an external oscillator connected to the fO pin. Refer to
Table 6 for a summary.
External Serial Clock, Single Cycle Operation
(SPI/MICROWIRE Compatible)
This timing mode uses an external serial clock to shift
out the conversion result and a CS signal to monitor and
control the state of the conversion cycle, see Figure 5.
The serial clock mode is selected on the falling edge
of CS. To select the external serial clock mode, the
serial clock pin (SCK) must be LOW during each CS
falling edge.
APPLICATIONS INFORMATION
Table 6. LTC2480 Interface Timing Modes
CONFIGURATION
SCK SOURCE
CONVERSION
CYCLE CONTROL
DATA OUTPUT
CONTROL
CONNECTION
AND WAVEFORMS
External SCK, Single Cycle Conversion
External
CS and SCK
CS and SCK
Figures 5, 6
External SCK, 3-Wire I/O
External
SCK
SCK
Figure 7
Internal SCK, Single Cycle Conversion
Internal
CS↓
CS↓
Figures 8, 9
Internal SCK, 3-Wire I/O, Continuous Conversion
Internal
Continuous
Internal
Figure 10
EOC
BIT 23
SDO
SCK
(EXTERNAL)
CS
EN
GS2
GS1
GS0
IM
FA
FB
SPD
SDI*
DON’T CARE
TEST EOC
IM
MSB
SIG
BIT 0
LSB
BIT 4
BIT 19
BIT 18
BIT 17
BIT 16
BIT 20
BIT 21
BIT 22
SLEEP
SLEEP
DATA OUTPUT
CONVERSION
2480 F05
CONVERSION
Hi-Z
Hi-Z
Hi-Z
TEST EOC
VCC
FO
VREF
IN+
IN–
SCK
SDI
SDO
CS
GND
210
INT/EXT CLOCK
3
4
5
9
7
8
6
1
REFERENCE
VOLTAGE
0.1V TO VCC
ANALOG
INPUT
1μF
2.7V TO 5.5V
LTC2480
4-WIRE
SPI INTERFACE
DON’T CARE
TEST EOC
(OPTIONAL)
Figure 5. External Serial Clock, Single Cycle Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com