Electronic Components Datasheet Search
  English  ▼

X  

LT3085 Datasheet(PDF) 11 Page - Linear Technology

Part # LT3085
Description  Adjustable 500mA Single Resistor Low Dropout Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3085 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3085 Datasheet HTML 7Page - Linear Technology LT3085 Datasheet HTML 8Page - Linear Technology LT3085 Datasheet HTML 9Page - Linear Technology LT3085 Datasheet HTML 10Page - Linear Technology LT3085 Datasheet HTML 11Page - Linear Technology LT3085 Datasheet HTML 12Page - Linear Technology LT3085 Datasheet HTML 13Page - Linear Technology LT3085 Datasheet HTML 14Page - Linear Technology LT3085 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LT3085
11
3085fb
APPLICATIONS INFORMATION
DC BIAS VOLTAGE (V)
3085 F02
20
0
–20
–40
–60
–80
–100
0
4
8
10
26
12
14
X5R
Y5V
16
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10μF
Figure 2. Ceramic Capacitor DC Bias Characteristics
TEMPERATURE (°C)
–50
40
20
0
–20
–40
–60
–80
–100
25
75
3085 F03
–25
0
50
100
125
Y5V
X5R
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10μF
Figure 3. Ceramic Capacitor Temperature Characteristics
in a small package, but they tend to have strong voltage
and temperature coefficients as shown in Figures 2
and 3. When used with a 5V regulator, a 16V 10μF Y5V
capacitor can exhibit an effective value as low as 1μF to
2μF for the DC bias voltage applied and over the operating
temperature range. The X5R and X7R dielectrics result in
more stable characteristics and are more suitable for use
as the output capacitor. The X7R type has better stability
across temperature, while the X5R is less expensive and is
available in higher values. Care still must be exercised when
using X5R and X7R capacitors; the X5R and X7R codes
only specify operating temperature range and maximum
capacitance change over temperature. Capacitance change
due to DC bias with X5R and X7R capacitors is better than
Y5V and Z5U capacitors, but can still be significant enough
to drop capacitor values below appropriate levels. Capacitor
DC bias characteristics tend to improve as component
case size increases, but expected capacitance at operating
voltage should be verified.
Voltage and temperature coefficients are not the only
sources of problems. Some ceramic capacitors have a
piezoelectric response. A piezoelectric device generates
voltage across its terminals due to mechanical stress,
ceramic capacitor the stress can be induced by vibrations
in the system or thermal transients.
Paralleling Devices
LT3085’s may be paralleled with other LT308X devices to
obtain higher output current. The SET pins are tied together
and the IN pins are tied together. This is the same whether
it’s in three terminal mode or has separate input supplies.
The outputs are connected in common using a small piece
of PC trace as a ballast resistor to equalize the currents.
PC trace resistance in milliohms/inch is shown in Table
1. Only a tiny area is needed for ballasting.
Table 1. PC Board Trace Resistance
WEIGHT (oz)
10 mil WIDTH
20 mil WIDTH
1
54.3
27.1
2
27.1
13.6
Trace resistance is measured in mΩ/in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com