Electronic Components Datasheet Search
  English  ▼

X  

LT3085 Datasheet(PDF) 17 Page - Linear Technology

Part # LT3085
Description  Adjustable 500mA Single Resistor Low Dropout Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3085 Datasheet(HTML) 17 Page - Linear Technology

Back Button LT3085 Datasheet HTML 13Page - Linear Technology LT3085 Datasheet HTML 14Page - Linear Technology LT3085 Datasheet HTML 15Page - Linear Technology LT3085 Datasheet HTML 16Page - Linear Technology LT3085 Datasheet HTML 17Page - Linear Technology LT3085 Datasheet HTML 18Page - Linear Technology LT3085 Datasheet HTML 19Page - Linear Technology LT3085 Datasheet HTML 20Page - Linear Technology LT3085 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LT3085
17
3085fb
Without series resistor RS, power dissipation in the LT3085
equals:
PTOTAL = 5V – 3.3V
()•
0.5A
60
+ 5V – 3.3V
()•0.5A
= 0.86W
If the voltage differential (VDIFF) across the NPN pass
transistor is chosen as 0.5V, then RS equals:
R
S =
5V – 3.3V − 0.5V
0.5A
= 2.4Ω
Power dissipation in the LT3085 now equals:
PTOTAL = 5V – 3.3V
()•
0.5A
60
+ 0.5V
()•0.5A = 0.26W
The LT3085’s power dissipation is now only 30% compared
to no series resistor. RS dissipates 0.6W of power. Choose
appropriate wattage resistors to handle and dissipate the
power properly.
The second technique for reducing power dissipation,
shown in Figure 9, uses a resistor in parallel with the
LT3085. This resistor provides a parallel path for current
flow, reducing the current flowing through the LT3085.
This technique works well if input voltage is reasonably
constant and output load current changes are small. This
technique also increases the maximum available output
current at the expense of minimum load requirements.
As an example, assume: VIN = VCONTROL = 5V, VIN(MAX) =
5.5V, VOUT = 3.3V, VOUT(MIN) = 3.2V, IOUT(MAX) = 0.5A and
IOUT(MIN) = 0.35A. Also, assuming that RP carries no more
than 90% of IOUT(MIN) = 630mA.
Calculating RP yields:
R
P =
5.5V – 3.2V
315mA
= 7.30Ω
(5% Standard value = 7.Ω)
The maximum total power dissipation is (5.5V – 3.2V) •
0.5A = 1.2W. However the LT3085 supplies only:
0.5A –
5.5V – 3.2V
7.5Ω
= 0.193A
Therefore, the LT3085’s power dissipation is only:
PDIS = (5.5V – 3.2V) • 0.193A = 0.44W
RP dissipates 0.71W of power. As with the first technique,
choose appropriate wattage resistors to handle and dis-
sipate the power properly. With this configuration, the
LT3085 supplies only 0.36A. Therefore, load current can
increase by 0.3A to 0.143A while keeping the LT3085 in
its normal operating range.
Figure 9. Reducing Power Dissipation Using a Parallel Resistor
+
–
LT3085
IN
VCONTROL
OUT
VOUT
VIN
C2
3085 F09
SET
RSET
RP
C1
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com