Electronic Components Datasheet Search
  English  ▼

X  

LT3085 Datasheet(PDF) 23 Page - Linear Technology

Part # LT3085
Description  Adjustable 500mA Single Resistor Low Dropout Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3085 Datasheet(HTML) 23 Page - Linear Technology

Back Button LT3085 Datasheet HTML 19Page - Linear Technology LT3085 Datasheet HTML 20Page - Linear Technology LT3085 Datasheet HTML 21Page - Linear Technology LT3085 Datasheet HTML 22Page - Linear Technology LT3085 Datasheet HTML 23Page - Linear Technology LT3085 Datasheet HTML 24Page - Linear Technology LT3085 Datasheet HTML 25Page - Linear Technology LT3085 Datasheet HTML 26Page - Linear Technology LT3085 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
LT3085
23
3085fb
TYPICAL APPLICATIONS
Low Voltage, High Current Adjustable High Efficiency Regulator*
2.7V TO 5.5V†
100μF
×2
2.2MEG
100k
470pF
10k
1000pF
100μF
×2
294k
12.1k
0.47μH
78.7k
100k
124k
PVIN
SW
2N3906
SVIN
ITH
RT
VFB
SYNC/MODE
PGOOD
RUN/SS
SGND
PGND
LTC3414
+
–
LT3085
IN
VCONTROL
OUT
SET
+
–
LT3085
IN
VCONTROL
OUT
0V TO 4V†
2A
SET
+
–
LT3085
IN
VCONTROL
OUT
SET
3085 TA18
+
–
LT3085
IN
VCONTROL
OUT
100μF
SET
+
+
+
*DIFFERENTIAL VOLTAGE ON LT3085
IS 0.6V SET BY THE VBE OF THE 2N3906 PNP.
20mΩ
20mΩ
20mΩ
20mΩ
†MAXIMUM OUTPUT VOLTAGE IS 1.5V
BELOW INPUT VOLTAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com