Electronic Components Datasheet Search
  English  ▼

X  

LT3085 Datasheet(PDF) 18 Page - Linear Technology

Part # LT3085
Description  Adjustable 500mA Single Resistor Low Dropout Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3085 Datasheet(HTML) 18 Page - Linear Technology

Back Button LT3085 Datasheet HTML 14Page - Linear Technology LT3085 Datasheet HTML 15Page - Linear Technology LT3085 Datasheet HTML 16Page - Linear Technology LT3085 Datasheet HTML 17Page - Linear Technology LT3085 Datasheet HTML 18Page - Linear Technology LT3085 Datasheet HTML 19Page - Linear Technology LT3085 Datasheet HTML 20Page - Linear Technology LT3085 Datasheet HTML 21Page - Linear Technology LT3085 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LT3085
18
3085fb
TYPICAL APPLICATIONS
Higher Output Current
+
–
LT3085
IN
50Ω
MJ4502
VCONTROL
OUT
3085 TA02
SET
4.7μF
332k
VOUT
3.3V
5A
+
1μF
100μF
+
100μF
VIN
6V
Current Source
+
–
LT3085
IN
VCONTROL
OUT 2Ω
0.5W
100k
3085 TA03
SET
IOUT
0A TO 0.5A
4.7μF
VIN
10V
1μF
Power Oscillator
+
–
LT3085
IN
VIN
VCONTROL
OUT
VOUT
400Hz
4VACP-P
3085 TA22
10μF
SET
499k
8.45k
8.45k
47nF
4.7μF
2.21k
47nF
220n
121Ω
6.3V, 150mA
LIGHT BULB #47
20Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com