Electronic Components Datasheet Search
  English  ▼

X  

LTC3101 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3101
Description  Wide VIN, Multi-Output DC/DC Converter and PowerPath Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3101 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3101 Datasheet HTML 3Page - Linear Technology LTC3101 Datasheet HTML 4Page - Linear Technology LTC3101 Datasheet HTML 5Page - Linear Technology LTC3101 Datasheet HTML 6Page - Linear Technology LTC3101 Datasheet HTML 7Page - Linear Technology LTC3101 Datasheet HTML 8Page - Linear Technology LTC3101 Datasheet HTML 9Page - Linear Technology LTC3101 Datasheet HTML 10Page - Linear Technology LTC3101 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
LTC3101
7
3101fb
Buck-Boost Maximum Load
Current, PWM Mode
Buck-Boost Maximum Load
Current, Burst Mode Operation
Buck Output Voltage vs
Load Current
Buck-Boost Output Voltage
vs Load Current
CRS Pin Current
Hot Swap Switch RDS(0N)
MAX Output Switch RDS(0N)
LDO Output Voltage vs
Supply Voltage
SUPPLY VOLTAGE, VBAT OR VUSB (V)
1
0
200
400
600
800
1000
1200
234
5
3101 G19
6
VOUT3 = 3.3V
VOUT3 = 5V
SUPPLY VOLTAGE, VBAT OR VUSB (V)
1
0
20
40
60
80
100
120
234
5
3101 G20
6
VOUT3 = 3.3V
VOUT3 = 5V
LOAD CURRENT (mA)
0
0
0.05
0.10
400
3101 G21
–0.05
–0.10
–0.20
100
200
300
–0.15
0.20
0.15
LOAD CURRENT (mA)
0
–0.5
–0.4
–0.2
–0.1
0
0.5
0.2
200
400
3101 G22
–0.3
0.3
0.4
0.1
600
800
SUPPLY VOLTAGE, VBAT OR VUSB (V)
1
0.2
0.6
1.0
5
3101 G23
–0.2
–0.6
0
0.4
0.8
–0.4
–0.8
–1.0
2
3
4
6
BUCK-BOOST OUTPUT VOLTAGE (V)
1
0
0.2
0.4
0.6
0.8
1.0
1.2
234
5
3101 G24
6
SUPPLY VOLTAGE, VBAT OR VUSB (V)
1
0.6
0.8
1.0
4
6
3101 G25
0.4
0.2
0
23
5
1.2
1.4
1.6
SUPPLY VOLTAGE, VBAT OR VUSB (V)
1
0.1
0.3
0.5
5
3101 G26
–0.1
–0.3
0
0.2
0.4
–0.2
–0.4
–1.5
2
3
4
6
LDO Output Voltage vs
Load Current
LDO LOAD CURRENT (mA)
0
–1.5
–1.0
–0.5
0
0.5
1.5
20
40
3101 G27
60
1.0
TYPICAL PERFORMANCE CHARACTERISTICS (T
A = 25°C unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com