Electronic Components Datasheet Search
  English  ▼

X  

LTC3101 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3101
Description  Wide VIN, Multi-Output DC/DC Converter and PowerPath Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3101 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3101 Datasheet HTML 10Page - Linear Technology LTC3101 Datasheet HTML 11Page - Linear Technology LTC3101 Datasheet HTML 12Page - Linear Technology LTC3101 Datasheet HTML 13Page - Linear Technology LTC3101 Datasheet HTML 14Page - Linear Technology LTC3101 Datasheet HTML 15Page - Linear Technology LTC3101 Datasheet HTML 16Page - Linear Technology LTC3101 Datasheet HTML 17Page - Linear Technology LTC3101 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
LTC3101
14
3101fb
OPERATION
remain enabled. Power-down is usually accomplished by
having the microprocessor monitor PBSTAT to detect an
additional push of the pushbutton. Once this is detected,
the microprocessor disables the LTC3101 by forcing
PWRON low (or simply releasing PWRON and allowing
it be pulled low by its internal pull-down resistor). In
this manner, a single external momentary pushbutton is
all that is required to provide sequenced power-up and
power-down control.
Figure 1 depicts the waveforms in the standard power-up
sequence. In this example, it is assumed that all three
DC/DC converter rails are used in the application and
therefore ENA1, ENA2 and ENA3 are driven high (or tied
to the MAX output). An external normally-open pushbutton
is connected between ground and the PWRKEY pin. When
the pushbutton is not pressed, PWRKEY is pulled high
via an internal 400k pull-up resistor. Until the power-up
sequence is initiated, the IC is in the standby state, and
only the LDO and MAX outputs are active.
The standard power-up sequence is initiated when
the pushbutton is pressed, forcing PWRKEY low for a
duration that is longer than the 24ms (typical) internal
debouncing duration. Once the PWRKEY is held low for
the debouncing duration, PBSTAT is driven low to indicate
the pushbutton status. In addition, buck converter 1 is
enabled and its output begins rising into regulation. Once
the feedback voltage of buck converter 1 reaches its power
good threshold, buck converter 2 is enabled. After buck
converter 2 reaches its power good threshold, the buck-
boost converter is enabled. Finally, once the buck-boost
output reaches its power good threshold, the Hot Swap
output is enabled and simultaneously the microprocessor
reset duration begins when a 1μA (nominal) current begins
charging the external CRS capacitor. The microprocessor
reset output, RESET, is driven low throughout this entire
power-up sequence until the CRS pin is charged to 1.2V
(typical). Once RESET goes high, the microprocessor in
the application initializes and must drive the PWRON input
of the LTC3101 high in order to keep the LTC3101 enabled.
If PWRON is not driven high by the time PWRKEY returns
high (i.e., the pushbutton is released) then the LTC3101
will be disabled and all outputs will be actively discharged
to ground.
24ms BLANKING
PWRKEY
PBSTAT
VOUT BUCK 1
VOUT BUCK 2
VOUT BUCK-BOOST
HSO
CRS
PWRON
RESET
3101 F01
Figure 1. Power-Up Sequence Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com