Electronic Components Datasheet Search
  English  ▼

X  

LTC3101 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3101
Description  Wide VIN, Multi-Output DC/DC Converter and PowerPath Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3101 Datasheet(HTML) 5 Page - Linear Technology

  LTC3101 Datasheet HTML 1Page - Linear Technology LTC3101 Datasheet HTML 2Page - Linear Technology LTC3101 Datasheet HTML 3Page - Linear Technology LTC3101 Datasheet HTML 4Page - Linear Technology LTC3101 Datasheet HTML 5Page - Linear Technology LTC3101 Datasheet HTML 6Page - Linear Technology LTC3101 Datasheet HTML 7Page - Linear Technology LTC3101 Datasheet HTML 8Page - Linear Technology LTC3101 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
LTC3101
5
3101fb
TYPICAL PERFORMANCE CHARACTERISTICS
Buck Efficiency
2 AA Cells to 1.5V
Buck Efficiency
2 AA Cells to 1.2V
Buck Efficiency
USB (5V) to 1.8V
Buck-Boost Efficiency
2 AA Cells to 3.3V
Buck-Boost Efficiency
USB (5V) to 3.3V
Buck-Boost Efficiency
Li-Ion to 3.3V
Buck Burst Mode Threshold
No-Load Quiescent Current in
Burst Mode Operation
Standby Quiescent Current
(TA = 25°C unless otherwise specified)
LOAD CURRENT (mA)
0.1
0
10
30
40
50
100
70
1
10
3101 G01
20
80
90
60
100
1000
L = 4.7μH
VBAT = 3.2V
VBAT = 1.8V
PWM Mode
Burst Mode OPERATION
LOAD CURRENT (mA)
0.1
0
10
30
40
50
100
70
1
10
3101 G02
20
80
90
60
100
1000
L = 4.7μH
VBAT = 3.2V
VBAT = 1.8V
PWM Mode
Burst Mode OPERATION
LOAD CURRENT (mA)
0.1
0
10
30
40
50
100
70
1
10
3101 G03
20
80
90
60
100
1000
L = 4.7μH
PWM Mode
Burst Mode
OPERATION
LOAD CURRENT (mA)
0
10
30
40
50
100
70
1
10
3101 G04
20
80
90
60
100
1000
L = 4.7μH
VBAT = 3.2V
VBAT = 1.8V
PWM Mode
Burst Mode
OPERATION
LOAD CURRENT (mA)
0
10
30
50
40
100
L = 4.7μH
70
1
10
3101 G05
20
80
90
60
100
1000
PWM Mode
Burst Mode
OPERATION
LOAD CURRENT (mA)
0
10
30
50
40
100
70
1
10
3101 G06
20
80
90
60
100
1000
PWM Mode
Burst Mode
OPERATION
L = 4.7μH
VBAT = 3.0V
VBAT = 4.2V
SUPPLY VOLTAGE, VBAT OR VUSB (V)
1.5
20
25
35
4.5
3101 G07
15
10
2.5
3.5
5.5
5
0
30
L = 4.7μH
VOUT = 0.8V
VOUT = 1.2V
VOUT = 1.8V
SUPPLY VOLTAGE, VBAT OR VUSB (V)
1
50
60
70
5
3101 G08
40
30
234
6
20
10
0
BUCK1, BUCK2 AND
BUCK-BOOST ENABLED
BUCK-BOOST ENABLED
BOTH BUCKS DISABLED
SUPPLY VOLTAGE, VBAT OR VUSB (V)
1
12
16
20
5
3101 G09
8
4
10
14
18
6
2
0
2
3
4
6
LDO AND MAX OUTPUTS ACTIVE
PWRON = 0V, PWRKEY= FLOATING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com