Electronic Components Datasheet Search
  English  ▼

X  

LTC3101 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3101
Description  Wide VIN, Multi-Output DC/DC Converter and PowerPath Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3101 Datasheet(HTML) 1 Page - Linear Technology

  LTC3101 Datasheet HTML 1Page - Linear Technology LTC3101 Datasheet HTML 2Page - Linear Technology LTC3101 Datasheet HTML 3Page - Linear Technology LTC3101 Datasheet HTML 4Page - Linear Technology LTC3101 Datasheet HTML 5Page - Linear Technology LTC3101 Datasheet HTML 6Page - Linear Technology LTC3101 Datasheet HTML 7Page - Linear Technology LTC3101 Datasheet HTML 8Page - Linear Technology LTC3101 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
LTC3101
1
3101fb
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Wide VIN, Multi-Output
DC/DC Converter and
PowerPath Controller
The LTC
®3101 is a complete power management solution
for low power portable devices. It provides three high
efficiency switching DC/DC converters which seamlessly
transition from battery to USB/wall adapter power when
available. A synchronous buck-boost regulator provides
complete flexibility, allowing operation from a single
Li-Ion/Polymer battery, 2 to 3 AA cells, a USB port or any
other power source operating from 1.8V to 5.5V.
Two always-alive outputs, a 50mA LDO and a 200mA MAX
output that tracks the higher voltage input supply, provide
power for critical functions or additional external regula-
tors. Flash memory cards can be directly powered from
the protected 100mA Hot Swap output. Pushbutton control
logic and a programmable-duration microprocessor reset
generator simplify interfacing to a microprocessor while
internal sequencing and independent enable pins provide
flexible power-up options. The LTC3101 is available in a low
profile (0.75mm) 24-lead 4mm × 4mm QFN package.
Efficiency vs VBAT
n Low Loss PowerPath™ Control: Seamless,
Automatic Transition from Battery to USB or
Wall Adapter Power
n Wide VIN Range: 1.8V to 5.5V
n Buck-Boost VOUT: 1.5V to 5.25V
n Buck-Boost Generates 3.3V at 300mA for
VIN ≥ 1.8V, 3.3V at 800mA for VIN ≥ 3V
n Dual 350mA Buck Regulators, VOUT: 0.6V to VIN
n 38μA Quiescent Current in Burst Mode
® Operation
n 1.8V, 50mA Always-On LDO
n Protected 100mA Hot Swap™ Output
n Pushbutton On/Off Control
n Current Limited 200mA MAX Output
n Programmable Power-Up Sequencing
n 24-lead 4mm × 4mm × 0.75mm QFN Package
n Ultra-Portable Digital Video Cameras
n Personal Handheld GPS Navigators
n Portable Medical Instruments
BAT1
USB1
CRS
ENA1
ENA2
ENA3
PWRKEY
PWRON
PWM
PBSTAT
RESET
USB2
FB3
LDO
SW2
FB2
HSO
MAX
10μF
10μF
2 AA
CELLS
USB/WALL
ADAPTER
4.3V TO 5.5V
10μF
1M
VOUT3 = 3.3V
300mA FOR VIN ≥ 1.8V
800mA FOR VIN ≥ 3V
221k
Hot Swap OUTPUT: 3.3V AT 100mA
TRACKING OUTPUT: 200mA
4.7μH
4.7μF
1.8V AT 50mA
VOUT2
1.8V
350mA
VOUT1
1.5V
350mA
10μF
221k
110k
4.7μH
SW1
FB1
10μF
3101 TA01a
221k
147k
4.7μH
0.1μF
ON/OFF
BAT2 SW3A
LTC3101
GND
μP
SW3B OUT3
DIS ENA
+
VBAT (V)
1.5
84
86
88
90
92
94
96
2.5
3.5
4.5
5.5
3101 TA01b
BUCK-BOOST
IOUT = 150mA
BUCK2
IOUT = 150mA
BUCK1
IOUT = 150mA
L, LT, LTC, LTM, Burst Mode, Linear Technology and the Linear logo are registered trademarks
and Hot Swap and PowerPath are trademarks of Linear Technology Corporation. All other
trademarks are the property of their respective owners.


Similar Part No. - LTC3101

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3101 LINER-LTC3101 Datasheet
421Kb / 32P
Wide VIN, Multi-Output DC/DC Converter and PowerPath Controller
LTC3101 LINER-LTC3101 Datasheet
570Kb / 50P
8-Output Regulator with Sequencing and I2C
LTC3101 LINER-LTC3101 Datasheet
517Kb / 38P
Power Management Solution for Application Processors
LTC3101EUF-PBF LINER-LTC3101EUF-PBF Datasheet
421Kb / 32P
Wide VIN, Multi-Output DC/DC Converter and PowerPath Controller
LTC3101EUF-TRPBF LINER-LTC3101EUF-TRPBF Datasheet
421Kb / 32P
Wide VIN, Multi-Output DC/DC Converter and PowerPath Controller
More results

Similar Description - LTC3101

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-69 POWERINT-DI-69 Datasheet
264Kb / 2P
15 W Multi-Output DC-DC Converter
logo
Linear Technology
LTC3101 LINER-LTC3101 Datasheet
421Kb / 32P
Wide VIN, Multi-Output DC/DC Converter and PowerPath Controller
logo
HITRON ELECTRONICS CORP...
HDU45 HITRON-HDU45 Datasheet
307Kb / 4P
DC-DC CONVERTER 19" COMPATIBLE EUROCARD MULTI-OUTPUT DC-DC CONVERTER 19" COMPATIBLE EUROCARD MULTI-OUTPUT
logo
Linear Technology
LTC3854 LINER-LTC3854 Datasheet
387Kb / 28P
Small Footprint, Wide VIN Range Synchronous Step-Down DC/DC Controller
LTC3101 LINER-LTC3101_15 Datasheet
541Kb / 34P
Wide VIN, Multi-Output DC/DC Converter and PowerPath Controller
LTC3854 LINER-LTC3854_15 Datasheet
539Kb / 28P
Small Footprint, Wide VIN Range Synchronous Step-Down DC/DC Controller
LTC3536 LINER-LTC3536 Datasheet
171Kb / 6P
1A, Low Noise, Wide VIN Buck-Boost DC/DC Converter
LTC7812EUH LINER-LTC7812EUH Datasheet
429Kb / 14P
Wide VIN, Step-Up Step-Down DC/DC Converter
logo
Texas Instruments
LM5127-Q1 TI-LM5127-Q1 Datasheet
2Mb / 59P
LM5127-Q1 2.2MHz Wide VIN Automotive Front-stage Multi-rail DC/DC
logo
Murata Manufacturing Co...
MYMGC3R32EFPF2RB MURATA1-MYMGC3R32EFPF2RB Datasheet
1Mb / 18P
MonoBKTM , Multi output DC-DC Converter Series
2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com