Electronic Components Datasheet Search
  English  ▼

X  

LT3689 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3689
Description  700mA Step-Down Regulator with Power-On Reset and Watchdog Timer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3689 Datasheet(HTML) 1 Page - Linear Technology

  LT3689 Datasheet HTML 1Page - Linear Technology LT3689 Datasheet HTML 2Page - Linear Technology LT3689 Datasheet HTML 3Page - Linear Technology LT3689 Datasheet HTML 4Page - Linear Technology LT3689 Datasheet HTML 5Page - Linear Technology LT3689 Datasheet HTML 6Page - Linear Technology LT3689 Datasheet HTML 7Page - Linear Technology LT3689 Datasheet HTML 8Page - Linear Technology LT3689 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LT3689/LT3689-5
1
3689fa
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
700mA Step-Down
Regulator with Power-On Reset
and Watchdog Timer
The LT®3689 is an adjustable frequency (350kHz to 2.2MHz)
monolithic step-down switching regulator with a power-on
reset and watchdog timer. The regulator operates from
inputs up to 36V and withstands transients up to 60V. Low
ripple Burst Mode® operation maintains high efficiency at
low output current while keeping output ripple below 15mV
in a typical application, with input quiescent current of just
85μA. Shutdown circuitry reduces input supply current to
less than 1μA while EN/UVLO is pulled low. Using a resis-
tor divider on the EN/UVLO pin provides a programmable
undervoltage lockout. Current limit, frequency foldback
and thermal shutdown provide fault protection.
The reset and watchdog timeout periods are indepen-
dently adjustable using external capacitors. Tight accuracy
specifications and glitch immunity ensure reliable reset
operation of a system without false triggering. The open
collector RST will pull down if output voltage drops 10%
below the programmed value. The watchdog timer is
pin-selectable for window or timeout modes. In timeout
mode, WDO pulls low if too long of a period passes before
a watchdog transition is detected. In window mode, the
LT3689 monitors for WDI falling edges grouped too close
together or too far apart.
L, LT, LTC, LTM, Linear Technology, the Linear logo and Burst Mode are registered trademarks of
Linear Technology Corporation. All other trademarks are the property of their respective owners.
3.3V Regulator with Power-On Reset Timer and Watchdog Timer
n Wide Input Range:
Operation from 3.6V to 36V
Overvoltage Lockout Protects Circuits through
60V Transients
n 85μA IQ at 12VIN to 3.3VOUT
n Low Ripple Burst Mode® Operation Allows Output
Ripple <15mVP-P
n Programmable, Defeatable Watchdog Timer with
Window or Timeout Control
n Programmable Power-On Reset Timer (POR)
n Synchronizable, Adjustable 350kHz to 2.2MHz
Switching Frequency
n 700mA Output Switching Regulator with Internal
Power Switch
n Fixed 5V or Adjustable Output Voltage
n 800mV Feedback Voltage
n Programmable Input Undervoltage Lockout with
Hysteresis
n 16-Pin 3mm × 3mm QFN and 16-Pin MSOP Packages
n Automotive Electronic Control Units
n Industrial Power Supplies
SW
I/O
I/O
RESET
DA
FB
RT
SYNC
fSW = 700kHz
WDI
RST
WDO
VIN
μP
EN/UVLO
VIN
4.5V TO 36V
TRANSIENT TO 60V
3.3V
700mA
100k
CWDT
10nF
tWDU = 182ms
tWDL = 5.9ms
12μH
10pF
22μF
0.1μF
316k
GND
20.5k
LT3689
3689 TA01
BST
OUT
CPOR
CWDT
2.2μF
CPOR
68nF
tRST = 157ms
Efficiency
LOAD CURRENT (A)
0.0001
0.01
0.1
1
0.001
3689 TA01b
VIN = 12V
VOUT = 3.3V
f = 700kHz
L = 12μH
TA = 25°C
40
50
60
70
80
30
20
10
0
90
100
10
1
1000


Similar Part No. - LT3689

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3689 LINER-LT3689 Datasheet
301Kb / 24P
36V 500mA Step-Down Regulator and 200mA LDO
LT3689 LINER-LT3689 Datasheet
407Kb / 28P
40V, 1A Synchronous Step-Down Converter 1A Guaranteed Output Current
LT3689-5 LINER-LT3689-5_15 Datasheet
969Kb / 34P
700mA Step-Down Regulator with Power-On Reset and Watchdog Timer
More results

Similar Description - LT3689

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
Voltage Regulator with Watchdog timer Reset
BD3005HFP ROHM-BD3005HFP Datasheet
356Kb / 6P
Voltage Regulator with Watchdog Timer Reset
logo
Linear Technology
LT3640 LINER-LT3640 Datasheet
572Kb / 24P
Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
logo
Rohm
BD3021HFP-M ROHM-BD3021HFP-M Datasheet
135Kb / 5P
Voltage Regulator with Watchdog Timer Reset
logo
Linear Technology
LT3641 LINER-LT3641_15 Datasheet
447Kb / 28P
Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
LT3640 LINER-LT3640_15 Datasheet
516Kb / 24P
Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
LT3689-5 LINER-LT3689-5_15 Datasheet
969Kb / 34P
700mA Step-Down Regulator with Power-On Reset and Watchdog Timer
LT3688 LINER-LT3688_15 Datasheet
425Kb / 28P
Dual 800mA Step-Down Switching Regulator with Power-On Reset and Watchdog Timer
logo
Seiko Instruments Inc
S-19500A03A-E8T1U4 SII-S-19500A03A-E8T1U4 Datasheet
4Mb / 52P
CMOS VOLTAGE REGULATOR WITH WATCHDOG TIMER AND RESET FUNCTION
logo
Linear Technology
LT3641 LINER-LT3641 Datasheet
377Kb / 6P
Buck Regulator with Power-On Reset and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com