Electronic Components Datasheet Search
  English  ▼

X  

LT3689 Datasheet(PDF) 19 Page - Linear Technology

Part # LT3689
Description  700mA Step-Down Regulator with Power-On Reset and Watchdog Timer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3689 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT3689 Datasheet HTML 15Page - Linear Technology LT3689 Datasheet HTML 16Page - Linear Technology LT3689 Datasheet HTML 17Page - Linear Technology LT3689 Datasheet HTML 18Page - Linear Technology LT3689 Datasheet HTML 19Page - Linear Technology LT3689 Datasheet HTML 20Page - Linear Technology LT3689 Datasheet HTML 21Page - Linear Technology LT3689 Datasheet HTML 22Page - Linear Technology LT3689 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
LT3689/LT3689-5
19
3689fa
Most applications running at VIN greater than 20V will
require a small phase lead capacitor, ranging from 2pF to
about 30pF, between the FB pin and VOUT for good transient
response. The circuits in the Typical Applications section
use the appropriate phase lead capacitors and are stable
at all input voltages.
If the output capacitor is different than the recommended
capacitor, stability should be checked across all operating
conditions, including load current, input voltage and tem-
perature. The LT1375 data sheet contains a more thorough
discussion of loop compensation and describes how to
test the stability using a transient load. Figure 4 shows
the transient response when the load current is stepped
from 360mA to 720mA and back to 360mA.
Low Ripple Burst Mode Operation and Pulse-Skipping
Mode
The LT3689 is capable of operating in either low ripple Burst
Mode operation or pulse-skipping mode, which is selected
using the SYNC pin. See the Synchronization section for
details. To enhance efficiency at light loads, the LT3689
can be operated in low ripple Burst Mode operation that
keeps the output capacitor charged to the proper voltage
while minimizing the input quiescent current. During Burst
Mode operation, the LT3689 delivers single cycle bursts of
current to the output capacitor followed by sleep periods
where the output power is delivered to the load by the
output capacitor. Because the LT3689 delivers power to the
output with single, low current pulses, the output ripple is
kept below 15mV for a typical application. The LT3689-5
has a slightly higher output ripple of 25mV. This higher
ripple can be reduced by using a larger output capacitor.
In addition, VIN and OUT quiescent currents are reduced
to typically 50μA and 75μA, respectively, during the sleep
time. As the load current decreases towards a no-load
condition, the percentage of time that the LT3689 operates
in sleep mode increases and the average input current is
greatly reduced, resulting in high efficiency even at very
low loads (see Figure 5).
At higher output loads (above approximately 60mA at
VIN = 12V for the front page application) the LT3689 will be
running at the frequency programmed by the RT resistor,
and will be operating in standard PWM mode. The transi-
tion between PWM and low ripple Burst Mode operation
is seamless, and will not disturb the output voltage. If low
quiescent current is not required, the LT3689 can oper-
ate in pulse-skipping mode. The benefit of this mode is
that the LT3689 will enter full frequency standard PWM
operation at a lower output load current than when in
Burst Mode operation. The front page application circuit
will switch at full frequency at output loads higher than
about 15mA at 12VIN.
APPLICATIONS INFORMATION
Figure 4. Transient Load Response of the LT3689 Front
Page Application as the Load Current is Stepped from
360mA to 720mA. VOUT = 3.3V, VIN = 12V
Figure 5. Burst Mode Operation
10μs/DIV
VOUT
50mV/DIV
IL
250mA/DIV
3689 F04
5μs/DIV
VOUT
10mV/DIV
VIN = 12V, FRONT PAGE APPLICATION
ILOAD = 8mA
VSW
5V/DIV
IL
0.2A/DIV
3689 F05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com