Electronic Components Datasheet Search
  English  ▼

X  

LT3689 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3689
Description  700mA Step-Down Regulator with Power-On Reset and Watchdog Timer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3689 Datasheet(HTML) 3 Page - Linear Technology

  LT3689 Datasheet HTML 1Page - Linear Technology LT3689 Datasheet HTML 2Page - Linear Technology LT3689 Datasheet HTML 3Page - Linear Technology LT3689 Datasheet HTML 4Page - Linear Technology LT3689 Datasheet HTML 5Page - Linear Technology LT3689 Datasheet HTML 6Page - Linear Technology LT3689 Datasheet HTML 7Page - Linear Technology LT3689 Datasheet HTML 8Page - Linear Technology LT3689 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LT3689/LT3689-5
3
3689fa
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Fixed Undervoltage Lockout
l
3.4
3.7
V
VIN Overvoltage Lockout
l
36
38
40
V
Quiescent Current from VIN
VEN/UVLO = 0.3V
VOUT = 3V, Not Switching
VOUT = 0V, Not Switching
l
0.01
50
125
0.5
95
175
μA
μA
μA
Quiescent Current from OUT
VEN/UVLO = 0.3V
VOUT = 3V, Not Switching (Note 7)
VOUT = 0V, Not Switching
l
0.01
75
–5
0.5
150
–20
μA
μA
μA
LT3689-5 Quiescent Current from VIN
VEN/UVLO = 0.3V
VOUT = 5.5V (Note 8)
VOUT = 0V
l
0.01
50
125
0.5
95
175
μA
μA
μA
LT3689-5 Quiescent Current from OUT
VEN/UVLO = 0.3V
VOUT = 5.5V
l
8
95
16
150
μA
μA
LT3689 FB Voltage
l
0.790
0.780
0.800
0.812
0.812
V
V
LT3689-5 Output Voltage
l
4.950
4.900
5.000
5.050
5.100
V
V
LT3689 FB Pin Bias Current
VFB = 0.800V
l
–30
–100
nA
LT3689 FB Voltage Line Regulation
5V < VIN < 36V
0.005
%/V
LT3689-5 Output Voltage Line Regulation
5.5V < VIN < 36V
0.005
%/V
fSW
Switching Frequency
RT = 4.02k
RT = 31.62k
l
l
1.84
420
2
500
2.16
540
MHz
kHz
tSW(OFF)
Switch Off-Time
VBST = 12V
120
160
ns
Foldback Frequency
RT = 4.22k, VOUT = 0V
250
kHz
Switch Current Limit (Note 4)
l
1.15
1.55
1.95
A
Switch VCESAT
ISW = 0.8A
450
mV
Switch Leakage Current
0.01
1
μA
DA Current Limit
0.85
1.2
1.5
A
Boost Schottky Reverse Leakage
VBST = 12V, VOUT = 0V
0.1
5
μA
Minimum BST Above SW Voltage
1.8
2.5
V
BST Pin Current
ISW = 0.8A
15
25
mA
EN/UVLO Threshold Voltage
1.150
1.260
1.350
V
EN/UVLO Pin Current
VEN/UVLO = 1.35V
VEN/UVLO = 1.15V
2.5
0. 01
4.1
1
5.5
μA
μA
EN/UVLO Pin Current Hysteresis
I(VEN/UVLO = 1.35V) – I(VEN/UVLO = 1.15V)
2.8
3.8
4.8
μA
SYNC Threshold Voltage
0.4
0.8
1
V
VRST
Reset Threshold as % of VFB
l
88
90
92
%
tRST
Reset Timeout Period
CPOR = 8200pF
l
17
19
21
ms
tWDU
Watchdog Upper Boundary
CWDT = 1000pF
l
17
19
21
ms
tWDL
Watchdog Lower Boundary
CWDT = 1000pF
l
610
675
785
μs
VOL
RST, WDO Output Voltage Low
ISINK = 2.5mA, VOUT = 0V
ISINK = 100μA, VOUT = 0V
l
l
0.15
0.05
0.4
0.3
V
V
VOH
RST, WDO Output Voltage High (Note 6)
l
VOUT –1
V
The
l denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, VOUT = 5V, unless otherwise noted. (Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com