Electronic Components Datasheet Search
  English  ▼

X  

LT3689 Datasheet(PDF) 22 Page - Linear Technology

Part # LT3689
Description  700mA Step-Down Regulator with Power-On Reset and Watchdog Timer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3689 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT3689 Datasheet HTML 18Page - Linear Technology LT3689 Datasheet HTML 19Page - Linear Technology LT3689 Datasheet HTML 20Page - Linear Technology LT3689 Datasheet HTML 21Page - Linear Technology LT3689 Datasheet HTML 22Page - Linear Technology LT3689 Datasheet HTML 23Page - Linear Technology LT3689 Datasheet HTML 24Page - Linear Technology LT3689 Datasheet HTML 25Page - Linear Technology LT3689 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
LT3689/LT3689-5
22
3689fa
Synchronization
To select low ripple Burst Mode operation, tie the SYNC pin
below 0.3V (this can be ground or a logic output). Synchro-
nizing the LT3689 oscillator to an external frequency can
be done by connecting a square wave (with positive and
negative pulse width >80ns) to the SYNC pin. The square
wave amplitude should have valleys that are below 0.3V
and peaks that are above 1V (up to 6V).
The LT3689 will not enter Burst Mode operation at low
output loads while synchronized to an external clock, but
instead will skip pulses to maintain regulation.
The LT3689 may be synchronized over a 350kHz to 2.5MHz
range. The RT resistor should be chosen to set the LT3689
switching frequency 20% below the lowest synchronization
input. For example, if the synchronization signal will be
350kHz and higher, the RT should be chosen for 280kHz.
To assure reliable and safe operation, the LT3689 will only
synchronize when the output voltage is above 90% of its
regulated voltage. It is therefore necessary to choose a
large enough inductor value to supply the required output
current at the frequency set by the RT resistor (see the
Inductor Selection section). It is also important to note
that the slope compensation is set by the RT value. When
the sync frequency is much higher than the one set by
RT, the slope compensation will be significantly reduced,
which may require a larger inductor value to prevent
subharmonic oscillation. The minimum inductor value
should be calculated using the RT programmed frequency
to avoid subharmonic oscillation.
Shutdown and Undervoltage Lockout
Figure 9 shows how to add undervoltage lockout (UVLO)
to the LT3689. Typically, UVLO is used in situations where
the input supply is current limited, or has a relatively high
source resistance. A switching regulator draws constant
power from the source, so source current increases as
source voltage drops. This looks like a negative resistance
load to the source and can cause the source to current limit
or latch low under low source voltage conditions. UVLO
prevents the regulator from operating at source voltages
where the problems might occur. An internal comparator
will force the part into shutdown below the minimum VIN
of 3.4V. This feature can be used to prevent excessive
discharge of battery-operated systems. If an adjustable
UVLO threshold is required, the EN/UVLO pin can be used.
The threshold voltage of the EN/UVLO pin comparator is
1.26V. Current hysteresis is added above the EN threshold.
This can be used to set voltage hysteresis of the UVLO
using the following:
R3 =
V H VL
4µA
4k
R4 =
1.26V
VH 1.26V
R3
4µA
APPLICATIONS INFORMATION
Figure 9. Undervoltage Lockout
1.25V
4μA
R3
R4
C1
EN/UVLO
LT3689
VIN
SS
VC
3689 F09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com