Electronic Components Datasheet Search
  English  ▼

X  

LTC3615 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3615
Description  Dual 4MHz, 3A Synchronous Step-Down DC/DC Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3615 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3615 Datasheet HTML 10Page - Linear Technology LTC3615 Datasheet HTML 11Page - Linear Technology LTC3615 Datasheet HTML 12Page - Linear Technology LTC3615 Datasheet HTML 13Page - Linear Technology LTC3615 Datasheet HTML 14Page - Linear Technology LTC3615 Datasheet HTML 15Page - Linear Technology LTC3615 Datasheet HTML 16Page - Linear Technology LTC3615 Datasheet HTML 17Page - Linear Technology LTC3615 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
LTC3615

3615f
Low Supply Operation
The LTC3615 is designed to operate down to an input
supply voltage of 2.25V. An important consideration
at low input supply voltages is that the RDS(ON) of the
P-channel and N-channel power switches increases by
50% compared to 5V. The user should calculate the
power dissipation when the LTC3615 is used at 100%
duty cycle with low input voltages to ensure that thermal
limits are not exceeded.
Slope Compensation and Inductor Peak Current
Slope compensation provides stability in current mode
constant-frequency architectures by preventing subhar-
monic oscillations at duty cycles greater than 50%. The
LTC3615 implements slope compensation by adding a
compensation ramp to the inductor current signal.
Short-Circuit Protection
Thepeakinductorcurrentatwhichthecurrentcomparator
shuts off the top power switch is controlled by the voltage
on the ITH pin.
If the output current increases, the error amplifier raises
the ITH pin voltage until the average inductor current
matches the new load current. In normal operation, the
LTC3615 clamps the maximum ITH pin voltage at ap-
proximately 1.05V which corresponds to about 5A peak
inductor current.
When the output is shorted to ground, the inductor current
decays very slowly during a single switching cycle. The
LTC3615 uses two techniques to prevent current runaway
from occurring:
1. If the output voltage drops below 50% of its nominal
value, the clamp voltage at pin ITH is lowered, causing
the maximum peak inductor current to lower gradu-
ally with the output voltage. When the output voltage
reaches 0V, the clamp voltage at the ITH pin drops to
40% of the clamp voltage during normal operation. The
short-circuit peak inductor current is determined by the
minimum on-time of the LTC3615, the input voltage
and the inductor value. This foldback behavior helps
in limiting the peak inductor current when the output
is shorted to ground. It is disabled during internal or
external soft-start and tracking up/down operation (see
the Applications Information section).
2. If the inductor current of the bottom MOSFET increases
beyond 6A typical, the top power MOSFET will be held
off and switching cycles will be skipped until the induc-
tor current reduces.
operaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com