Electronic Components Datasheet Search
  English  ▼

X  

LTC3615 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3615
Description  Dual 4MHz, 3A Synchronous Step-Down DC/DC Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3615 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3615 Datasheet HTML 14Page - Linear Technology LTC3615 Datasheet HTML 15Page - Linear Technology LTC3615 Datasheet HTML 16Page - Linear Technology LTC3615 Datasheet HTML 17Page - Linear Technology LTC3615 Datasheet HTML 18Page - Linear Technology LTC3615 Datasheet HTML 19Page - Linear Technology LTC3615 Datasheet HTML 20Page - Linear Technology LTC3615 Datasheet HTML 21Page - Linear Technology LTC3615 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
LTC3615

3615f
Output Capacitor COUT Selection
The selection of COUT is typically driven by the required
ESR to minimize voltage ripple and load step transients
(low-ESR ceramic capacitors are discussed in the next
section). Typically, once the ESR requirement is satisfied,
the capacitance is adequate for filtering. The output ripple
∆VOUT is determined by:
∆
∆
V
I
ESR
f
C
OUT
L
SW
OUT
≤
+


•
•
•
1
8
wherefSW=operatingfrequency,COUT=outputcapacitance
and ∆IL = ripple current in the inductor. The output ripple
is highest at maximum input voltage since ∆IL increases
with input voltage.
In surface mount applications, multiple capacitors may
have to be paralleled to meet the capacitance, ESR or RMS
currenthandlingrequirementoftheapplication.Aluminum
electrolytic, special polymer, ceramic and dry tantalum
capacitors are all available in surface mount packages.
Tantalum capacitors have the highest capacitance density,
but can have higher ESR and must be surge tested for
use in switching power supplies. Aluminum electrolytic
capacitors have significantly higher ESR, but can often
be used in extremely cost-sensitive applications provided
that consideration is given to ripple current ratings and
long term reliability.
Ceramic Input and Output Capacitors
Ceramic capacitors have the lowest ESR and can be cost
effective, but also have the lowest capacitance density,
high voltage and temperature coefficients, and exhibit
audible piezoelectric effects. In addition, the high-Q of
ceramic capacitors along with trace inductance can lead
to significant ringing.
Capacitors are tempting for switching regulator use
because of their very low ESR. Great care must be taken
when using only ceramic input and output capacitors.
Ceramic caps are prone to temperature effects which re-
quirethedesignertocheckloopstabilityovertheoperating
temperaturerange.Tominimizetheirlargetemperatureand
voltage coefficients, only X5R or X7R ceramic capacitors
should be used.
When a ceramic capacitor is used at the input, and the
power is being supplied through long wires, such as from
a wall adapter, a load step at the output can induce ringing
at the VIN pin. At best, this ringing can couple to the output
and be mistaken as loop instability. At worst, the ringing
at the input can be large enough to damage the part.
Since the ESR of a ceramic capacitor is so low, the input
and output capacitor must instead fulfill a charge storage
requirement.Duringaloadstep,theoutputcapacitormust
instantaneously supply the current to support the load
until the feedback loop raises the switch current enough
to support the load. The time required for the feedback
loop to respond is dependent on the compensation com-
ponents and the output capacitor size. Typically, three to
four cycles are required to respond to a load step, but only
in the first cycle does the output drop linearly. The output
droop, VDROOP, is usually about two to three times the
linear drop of the first cycle. Thus, a good place to start
is with the output capacitor size of approximately:
C
I
f
V
OUT
OUT
SW
DROOP
≈
2 5
. •
•
∆
More capacitance may be required depending on the duty
cycle and load step requirements. In most applications,
the input capacitor is merely required to supply high
frequency bypassing, since the impedance to the supply
is very low.
applicaTions inForMaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com