Electronic Components Datasheet Search
  English  ▼

X  

LTC3615 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3615
Description  Dual 4MHz, 3A Synchronous Step-Down DC/DC Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3615 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3615 Datasheet HTML 2Page - Linear Technology LTC3615 Datasheet HTML 3Page - Linear Technology LTC3615 Datasheet HTML 4Page - Linear Technology LTC3615 Datasheet HTML 5Page - Linear Technology LTC3615 Datasheet HTML 6Page - Linear Technology LTC3615 Datasheet HTML 7Page - Linear Technology LTC3615 Datasheet HTML 8Page - Linear Technology LTC3615 Datasheet HTML 9Page - Linear Technology LTC3615 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LTC3615

3615f
Load Step Transient in FCM
with AVP Mode
Load Step Transient in
FCM External Compensation
Load Step Transient
in Pulse-Skipping Mode
Load Step Transient in
Burst Mode Operation
VOUT
200mV/DIV
IL
1A/DIV
50µs/DIV
3615 G12
VOUT = 1.8V
ILOAD = 100mA TO 3A
VMODE = 1.5V
COMPENSATION FIGURE 1
VOUT
200mV/DIV
IL
1A/DIV
50µs/DIV
3615 G13
VOUT = 1.8V
ILOAD = 100mA TO 3A
VMODE = 3.3V
COMPENSATION FIGURE 1
VOUT
200mV/DIV
IL
1A/DIV
50µs/DIV
3615 G14
VOUT = 1.8V
ILOAD = 100mA TO 3A
VMODE = 0V
COMPENSATION FIGURE 1
VOUT
100mV/DIV
IL
1A/DIV
50µs/DIV
3615 G15
VOUT = 1.8V
ILOAD = 100mA TO 3A
VMODE = 1.5V
VITH = 3.3V
OUTPUT CAPACITOR VALUE FIGURE 1
Pulse-Skipping Mode Operation
Forced Continuous Mode
Operation (FCM)
Burst Mode Operation
VOUT
20mV/DIV
IL
200mA/DIV
1µs/DIV
3615 G09
VOUT = 1.8V
IOUT = 100mA
VMODE = 1.5V
VOUT
20mV/DIV
IL
500mA/DIV
20µs/DIV
3615 G10
VOUT = 1.8V
IOUT = 75mA
VMODE = 3.3V
VOUT
20mV/DIV
IL
500mA/DIV
20µs/DIV
3615 G11
VOUT = 1.8V
IOUT = 75mA
VMODE = 0V
Load Step Transient in Forced
Continuous Mode Sourcing and
Sinking Current
VOUT
200mV/DIV
IL
2A/DIV 0A
50µs/DIV
3615 G16
VOUT = 1.8V
ILOAD = –1.5A TO 3A
VMODE = 1.5V
COMPENSATION FIGURE 1
Internal Start-Up in Forced
Continuous Mode
VOUT
500mV/DIV
RUN
1V/DIV
IL
1A/DIV
PGOOD
2V/DIV
500µs/DIV
3615 G17
VOUT = 1.8V
IOUT = 3A
VMODE = 1.5V
Typical perForMance characTerisTics V
IN = 3.3V, RT/SYNC = SVIN, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com